Electronic Components Datasheet Search
  English  ▼

X  

SC1486AEVB Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 21Page - Semtech Corporation SC1486AEVB Datasheet HTML 22Page - Semtech Corporation SC1486AEVB Datasheet HTML 23Page - Semtech Corporation SC1486AEVB Datasheet HTML 24Page - Semtech Corporation SC1486AEVB Datasheet HTML 25Page - Semtech Corporation SC1486AEVB Datasheet HTML 26Page - Semtech Corporation SC1486AEVB Datasheet HTML 27Page - Semtech Corporation SC1486AEVB Datasheet HTML 28Page - Semtech Corporation SC1486AEVB Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
28
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Typical Characteristics (Cont.)
Startup (CCM), EN/PSV1 Going 0V to Floating
Trace 1: VDDQ, 1V/div.
Trace 2: VTT, 0.5V/div
Trace 3: REFOUT, 0.5V/div
Trace 4: En/PSV1, 2V/div.
Timebase: 2ms/div.
Please refer to Figure 4 on Page 17 for test schematic
Startup (CCM) Showing PGD1 and PGD2
Trace 1: VDDQ, 1V/div.
Trace 2: VTT, 0.5V/div.
Trace 3: PGD1, 5V/div.
Trace 4: PGD2, 5V/div
Timebase: 2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com