Electronic Components Datasheet Search
  English  ▼

X  

SC1486AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 8Page - Semtech Corporation SC1486AEVB Datasheet HTML 9Page - Semtech Corporation SC1486AEVB Datasheet HTML 10Page - Semtech Corporation SC1486AEVB Datasheet HTML 11Page - Semtech Corporation SC1486AEVB Datasheet HTML 12Page - Semtech Corporation SC1486AEVB Datasheet HTML 13Page - Semtech Corporation SC1486AEVB Datasheet HTML 14Page - Semtech Corporation SC1486AEVB Datasheet HTML 15Page - Semtech Corporation SC1486AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Dropout Performance
The output voltage adjust range for continuous-
conduction operation is limited by the fixed 550ns
(maximum) minimum off-time one-shot. For best dropout
performance, use the slowest on-time setting of 200kHz.
When working with low input voltages, the duty-factor
limit must be calculated using worst-case values for on
and off times. The IC duty-factor limitation is given by:
)
MAX
(
OFF
t
)
MIN
(
ON
t
)
MIN
(
ON
t
DUTY
+
=
Be sure to include inductor resistance and MOSFET on-
state voltage drops when performing worst-case dropout
duty-factor calculations.
SC1486A System DC Accuracy (VTT Controller)
Two IC parameters effect system DC accuracy, the error
comparator offset voltage, and the switching frequency
variation with line and load. The SC1486A regulates to
the REFOUT voltage not the REFIN voltage. Since DDR
specifications are written with respect to REFOUT, the
offset of the reference buffer does not create a regulation
error.
The error comparator offset does not drift significantly
with supply and temperature. Thus, the error comparator
contributes 1% or less to DC system inaccuracy.
The on pulse in the SC1486A is calculated to give a
pseudo fixed frequency. Nevertheless, some frequency
variation with line and load can be expected. This variation
changes the output ripple voltage. Because constant on
regulators regulate to the valley of the output ripple, ½
of the output ripple appears as a DC regulation error.
For example, if REFOUT=1.25V, then the valley of the
output ripple will be 1.25V. If the ripple is 20mV with VIN
= 6V, then the DC output voltage will be 1.26V. If the
ripple is 40mV with VIN = 25V, then the DC output voltage
will be 1.27V.
1486 System DC Accuracy (VDDQ Controller)
Two IC parameters affect system DC accuracy, the error
comparator threshold voltage variation and the switching
frequency variation with line and load.
The error comparator threshold does not drift significantly
with supply and temperature. Thus, the error comparator
contributes 1% or less to DC system inaccuracy.
Board components and layout also influence DC
accuracy. The use of 1% feedback resistors contribute
1%. If tighter DC accuracy is required use 0.1% feedback
resistors.
The on pulse in the SC1486A is calculated to give a
pseudo fixed frequency. Nevertheless, some frequency
variation with line and load can be expected. This variation
changes the output ripple voltage. Because constant on
regulators regulate to the valley of the output ripple, ½
of the output ripple appears as a DC regulation error.
For example, if the feedback resistors are chosen to
divide down the output by a factor of five, the valley of
the output ripple will be 2.5V. If the ripple is 50mV with
VIN = 6V, then the measured DC output will be 2.525V.
If the ripple increases to 80mV with VIN = 25V, then the
measured DC output will be 2.540V.
The output inductor value may change with current. This
will change the output ripple and thus the DC output
voltage. It will not change the frequency.
Switching frequency variation with load can be minimized
by choosing MOSFETs with lower R
DS(ON). High RDS(ON)
MOSFETs will cause the switching frequency to increase
as the load current increases. This will reduce the ripple
and thus the DC output voltage.
DDR Supply Selection
The SC1486A can be configured so that VTT and VDDQ
are generated directly from the battery. Alternatively, the
VTT supply can be generated from the VDDQ supply. Since
the battery configuration generally yields better efficiency
and performance, the evaluation board is configured to
generate both supplies from the battery.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com