Electronic Components Datasheet Search
  English  ▼

X  

SC1486AEVB Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 20Page - Semtech Corporation SC1486AEVB Datasheet HTML 21Page - Semtech Corporation SC1486AEVB Datasheet HTML 22Page - Semtech Corporation SC1486AEVB Datasheet HTML 23Page - Semtech Corporation SC1486AEVB Datasheet HTML 24Page - Semtech Corporation SC1486AEVB Datasheet HTML 25Page - Semtech Corporation SC1486AEVB Datasheet HTML 26Page - Semtech Corporation SC1486AEVB Datasheet HTML 27Page - Semtech Corporation SC1486AEVB Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
VDDQ Switching Frequency (Continuous Conduction
Mode) vs. Output Current vs. Input Voltage
Typical Characteristics (Cont.)
VTT Switching Frequency (Continuous Conduction
Mode) vs. Output Current vs. Input Voltage
200
225
250
275
300
325
350
0123
4
5
6
789
10
IOUT (A)
VBAT = 8V
VBAT = 20V
250
275
300
325
350
375
400
425
450
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
VBAT = 20V
VBAT = 8V
REFIN = 0.9V
VDDQ Switching Frequency (Power Save Mode)
vs. Output Current vs. Input Voltage
0
50
100
150
200
250
300
350
0123
4
5
6
789
10
IOUT (A)
VBAT = 20V
VBAT = 8V
Please refer to Figure 4 on Page 17 for test schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com