Electronic Components Datasheet Search
  English  ▼

X  

SC1486AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 15Page - Semtech Corporation SC1486AEVB Datasheet HTML 16Page - Semtech Corporation SC1486AEVB Datasheet HTML 17Page - Semtech Corporation SC1486AEVB Datasheet HTML 18Page - Semtech Corporation SC1486AEVB Datasheet HTML 19Page - Semtech Corporation SC1486AEVB Datasheet HTML 20Page - Semtech Corporation SC1486AEVB Datasheet HTML 21Page - Semtech Corporation SC1486AEVB Datasheet HTML 22Page - Semtech Corporation SC1486AEVB Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Layout Guidelines (Cont.)
The layout can be considered in two parts, the control section referenced to VSSA1/2 and the power section.
Looking at the control section first, locate all components referenced to VSSA1/2 on the schematic and place
these components at the chip. Connect VSSA1 and VSSA2 using either a wide (>0.020”) trace or a copper pour if
room allows. Very little current flows in the chip ground therefore large areas of copper are not needed.
U1
SC1486A
3
1
23
6
7
5
4
22
27
24
26
25
28
17
15
9
20
21
19
18
13
12
8
10
11
14
2
16
VDDP1
PGND1
TON1
DH1
BST1
LX1
ILIM1
EN/PSV1
PGD1
VOUT1
FB1
VCCA1
VSSA1
VDDP2
PGND2
TON2
DH2
BST2
LX2
ILIM2
PGD2
FB2
REFIN
REFOUT
VCCA2
VSSA2
DL1
DL2
PWR_SRC
PWR_SRC
5VSUS
VCCA2
5VRUN
R10
45k3
C21
1u
0402
C18
1u
VCCA1
PGD1
REFOUT
0402
C9
1u
R2 10R
0402
R3
1M
0603
0402
1.8V
C20
1n
0603
VCCA2
0402
C22
1u
0402
C17
27p
0402
0402
1.8V
C8
1u
R9 10k0
0402
VCCA1
TON1
R1 10R
R11 10R
0.9V
R4
649k
0603
C23
1n
R13
17k4
0402
VSSA2
0603
C19
0u1
VSSA1
TON2
R12
10k0
0603
VCCA1
0402
PGD2
0402
Figure 7: Components Connected to VSSA1 and VSSA2
Figure 8: ExampleVSSA Copper Pours (Left) and 0.020” Traces (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com