Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 14Page - Microchip Technology MCP1633 Datasheet HTML 15Page - Microchip Technology MCP1633 Datasheet HTML 16Page - Microchip Technology MCP1633 Datasheet HTML 17Page - Microchip Technology MCP1633 Datasheet HTML 18Page - Microchip Technology MCP1633 Datasheet HTML 19Page - Microchip Technology MCP1633 Datasheet HTML 20Page - Microchip Technology MCP1633 Datasheet HTML 21Page - Microchip Technology MCP1633 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
MCP1633
DS20006289B-page 18
 2020 Microchip Technology Inc.
FIGURE 4-6:
Current Sense Amplifier Gain Set.
4.8
PWM Dimming
MCP1633 incorporates a high-performance dimming
mechanism. External PWM signal is used to modulate
the output current. Internally this signal in low state
disables the main driver (VEXT), disconnects the output
of the error amplifier, and disconnects the load (SDRV
set low) to maintain the steady state condition at the
next transition. When DIMM pin is high state the driver
is enabled, output of error amplifier is reconnected and
SDRV pin is set high. When dimming is not required,
connect the DIMM pin to the VCC pin. An internal pull-
down resistor sets the input to logic-low and disables
the device when the pin is floating. The SDRV pin is the
output of a secondary driver which controls an NMOS
transistor for dimming and is capable of sinking and
sourcing up to 50 mA of peak current. To ensure that
the applied dimming-pulse duration matches the
effective dimming-pulse duration, it is recommended to
synchronize the dimming pulses with the switching
clock of the controller.
4.9
Undervoltage Lockout (UVLO)
When the input voltage (VIN) is lower than the UVLO
threshold, the VEXT is held in low state. This will ensure
that, if the voltage is not adequate to power the
MCP1633 device, the main power supply switch will be
held in off state. In order to prevent oscillations when
the input voltage is near the UVLO threshold, the UVLO
circuit offers 100 mV (typical) hysteresis. Typically, the
MCP1633 device will not start until the input voltage at
VIN is between 2.8V and 2.9V (typical).
4.10
Overtemperature Protection
To protect the VEXT output if shorted to VIN or GND, the
VEXT output of the MCP1633 device will be high-imped-
ance if the junction temperature is above the thermal
shutdown threshold. An internal 10 kΩ pull-down
resistor is connected from VEXT to ground to provide
some pull-down during overtemperature conditions.
The protection is set to +150°C (typical), with a
hysteresis of +20°C.
4.11
Overvoltage Protection
The OVP pin is a comparator used to prevent the power
system from being damaged when the load is discon-
nected. By comparing the divided down power train
output voltage with a 1.23V internal reference voltage,
the MCP1633 VEXT output switching is interrupted and
load disconnected when the output voltage is above a
pre-set value. This limits the output voltage of the
power train and the low comparator's hysteresis will
operate as a ripple regulator.
R1
R1
R1
R1
ISN
ISP
IOUT
C
C
Rs
R2
R2
GAIN
R2
2R1
----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com