Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 15Page - Microchip Technology MCP1633 Datasheet HTML 16Page - Microchip Technology MCP1633 Datasheet HTML 17Page - Microchip Technology MCP1633 Datasheet HTML 18Page - Microchip Technology MCP1633 Datasheet HTML 19Page - Microchip Technology MCP1633 Datasheet HTML 20Page - Microchip Technology MCP1633 Datasheet HTML 21Page - Microchip Technology MCP1633 Datasheet HTML 22Page - Microchip Technology MCP1633 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 19
MCP1633
5.0
APPLICATION CIRCUITS
5.1
Typical Applications
The MCP1633 PWM controller can be used for
applications that require low-side MOSFET control,
such as Boost, Buck-Boost, Flyback, SEPIC or CUK
converters. By using an external high-side MOSFET
driver (e.g., MCP14628), the MCP1633 device is able
to control the buck converter. The MCP1633 PWM
controller
can
be
easily
interfaced
with
a
microcontroller in order to develop intelligent solutions
for LED drivers.
Figure 5-1 depicts the typical boost converter
controlled by the MCP1633. If the converter must
operate with input voltages higher than 5.5V, a linear
voltage regulator can be used to bias the MCP1633
controller. The Peak Current Mode control used in this
case will ensure consistent performance over a wide
range of operating conditions. The MOSFET is
protected against overcurrent by internally limiting the
maximum voltage at the output of the error amplifier of
the controller. If the voltage applied on the CS pin
exceeds the set threshold, the MCP1633 device will
reduce the duty cycle in order to prevent overcurrent in
MOSFET.
Note:
The boost converter is not protected
against the output short circuit.
FIGURE 5-1:
MCP1633 Typical Boost Converter.
The single-ended primary inductor converter (SEPIC)
used to drive an LED string is presented in Figure 5-2.
This converter offers buck-boost functionality and is
protected against the output short circuit. The inductors
can share the same magnetic core (coupled inductors);
in this case, the mutual inductance doubles the value of
the inductor, reducing the ripple of the current.
MCP1633
VIN
VOUT
SS/VREF
COMP
EN/SYNC
FB
CS
VEXT
PG ND
VCC
RR
CSS
Rfsw
Fsw
DIMM
CSO
R
IOUT
OVP
SDRV
ISP
ISN
FAULT
To microcontroller
5V
LDO
CIN
R
REN
L
R
QS
Q1
RSC
COUT
RS
RCS
R
RC
R1
R1
R2
R2
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com