Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology MCP1633 Datasheet HTML 10Page - Microchip Technology MCP1633 Datasheet HTML 11Page - Microchip Technology MCP1633 Datasheet HTML 12Page - Microchip Technology MCP1633 Datasheet HTML 13Page - Microchip Technology MCP1633 Datasheet HTML 14Page - Microchip Technology MCP1633 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 11
MCP1633
Note: Unless otherwise indicated, VIN = 5V, FOSC=600 kHZ, CIN=0.1 µF, TA= +25°C.
FIGURE 2-25:
VEXT N-Channel RDSON
vs. Temperature.
FIGURE 2-26:
VEXT P-Channel RDSON
vs. Temperature.
FIGURE 2-27:
SRDV N-Channel RDSON
vs. Temperature.
FIGURE 2-28:
SRDV P-Channel RDSON
vs. Temperature.
FIGURE 2-29:
Current Sense Amplifier BW
at VCC = 5V.
FIGURE 2-30:
Current Sense Amplifier
CMRR at VCC = 5V.
0
0.5
1
1.5
2
2.5
3
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
0
0.5
1
1.5
2
2.5
3
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
0
10
20
30
40
50
60
70
80
90
100
-40 -25 -10
5
20
35
50
65
80
95 110 125
(°C)
0
10
20
30
40
50
60
70
80
90
100
-40 -25 -10
5
20
35
50
65
80
95 110 125
V
(°C)
-20.00
-15.00
-10.00
-5.00
0.00
5.00
10
100
1000
10000
F (kHz)
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10
100
1000
10000
F (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com