Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 12Page - Microchip Technology MCP1633 Datasheet HTML 13Page - Microchip Technology MCP1633 Datasheet HTML 14Page - Microchip Technology MCP1633 Datasheet HTML 15Page - Microchip Technology MCP1633 Datasheet HTML 16Page - Microchip Technology MCP1633 Datasheet HTML 17Page - Microchip Technology MCP1633 Datasheet HTML 18Page - Microchip Technology MCP1633 Datasheet HTML 19Page - Microchip Technology MCP1633 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
MCP1633
DS20006289B-page 16
 2020 Microchip Technology Inc.
4.4
Error Amplifier/Comparator
Current Limit Function
The error amplifier is of transconductance type (OTA)
with external compensation network connected
between the output (COMP) and the ground. The error
amplifier generates an error signal proportional to the
difference between the LED current sense feedback
voltage and VREF input voltage. The error amplifier
output is clamped by a precision 2.7V internal voltage
source. The output of the error amplifier is connected to
the inverting input of the high-speed comparator. As the
output load current demand increases, the error
amplifier output increases too, causing the inverting
input pin of the high-speed comparator to increase.
Eventually, the output of the error amplifier will hit the
clamp, limiting the input of the high-speed comparator
to 2.7V maximum. Even if the FB input continues to
decrease, calling for more current, the inverting input is
limited to 2.7V. By limiting the inverting input to 2.7V,
the current sense (IP) input is limited to 2.7V minus DC
offset value (CSO), thus limiting the current that flows
in the main switch. Limiting the maximum peak current
in the switch prevents the destruction of the
semiconductor device and the saturation of the
inductor during overloads. To simplify the design when
CS signal is too small so peak limit is far away, there is
another feature called I peak offset (CSO). This DC
value is added over current sense information to avoid
output overloads. Refer to Figure 4-2 and Figure 4-3
for a detailed description. The error amplifier input
includes only the GND potential.
FIGURE 4-2:
Slope Compensation Signal.
FIGURE 4-3:
Slope Compensation
Circuit.
4.5
Reference Voltage Generator
The internal precision constant current generator and
an external resistor connected between the VREF pin
and GND form the reference voltage generator. Refer
to Figure 4-4 for details. Optionally, a capacitor (CSS)
can be connected in parallel with RVREF to activate the
soft start function that will minimize overshoots of the
output voltage during start-up. The equations in
Figure 4-4 calculate the value of the resistor (RVREF)
for a given reference voltage and the value of the soft
start capacitor (CSS) based on the necessary time to
reach 90% of the final value for VREF. An internal circuit
of the MCP1633 device will discharge the capacitor
during the shutdown period. This capacitor must be of
good quality, with low leakage currents, in order to
avoid any errors that can affect the reference voltage.
The reference voltage should not exceed 80% of the
bias input voltage (VIN pin) in order to avoid any errors
that affect the internal constant current generator. An
external low-noise, low-impedance source can be used
to overdrive the VREF pin in order to control the refer-
ence voltage. In this case, the resistor/capacitor group
connected to GND is not necessary, and the soft start
profile must be controlled by the external reference
voltage generator.
Amplitude (V)
Slope
Compensation
Generator
Time
Slope
DC Offset
CSO
Peak Limit
OSCILLATOR
CS
VEXT
RAMP
+1
6 K
Ω
L
To PWM
Comparator
Q
RSENSE
RSLOPE
CFILTER
RG
CSO
ROFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com