Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 10Page - Microchip Technology MCP1633 Datasheet HTML 11Page - Microchip Technology MCP1633 Datasheet HTML 12Page - Microchip Technology MCP1633 Datasheet HTML 13Page - Microchip Technology MCP1633 Datasheet HTML 14Page - Microchip Technology MCP1633 Datasheet HTML 15Page - Microchip Technology MCP1633 Datasheet HTML 16Page - Microchip Technology MCP1633 Datasheet HTML 17Page - Microchip Technology MCP1633 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
MCP1633
DS20006289B-page 14
 2020 Microchip Technology Inc.
3.8
Current Sense Operational
Amplifier Negative Input (ISN)
This pin is directly connected to the inverting input of
the current sense operational amplifier.
3.9
Current Sense Offset (CSO)
This pin helps users to better set a peak current limit to
protect the application. Internally this pin is connected
to current source (20 µA typical). By connecting a
resistor between this pin and ground, the resistor
generates a DC level that is added over current sense
signal.
3.10
Current Sense Input (CS)
This is the input for the switch current used for Peak
Current Mode control. A blanking period of 30 ns
(typical) for CS signal is provided to avoid leading edge
spikes that can cause false PWM reset. The normal
PWM duty cycle will be terminated when the voltage on
the CS pin including the slope compensation ramp and
DC offset (CSO) is equal to the output of the error
amplifier. For Current Mode operation, the CS pin will
control the PWM output on a cycle-by-cycle basis. To
avoid the instability of the Peak Current Mode control
when the duty cycle is higher than 50%, a slope
compensation ramp generator is internally provided.
This circuit will add to the CS signal an artificially
generated ramp to avoid sub-harmonic oscillations.
The amplitude of the slope compensation ramp is
adjustable with one external resistor. If this pin is left
open, the PWM Controller will operate in Voltage Mode
Control. In this mode, the external switching MOSFET
transistor is not protected against overcurrent
conditions. Certain limitations related to the stability of
the closed-loop system must be taken into account by
the designer when the part operates in Voltage Mode
Control.
3.11
PWM Output Signal (VEXT)
VEXT is the internal MOSFET driver output pin, used to
drive the external transistor.
Connect to gate of external main switching N-channel
MOSFET.
3.12
Input Bias (VCC)
VCC is the input voltage pin. Connect the input voltage
source to the VCC pin. For normal operation, the
voltage on the VCC pin should range from +3.0V to
+5.5V. A bypass capacitor of at least 1 µF should be
connected between the VCC pin and the GND pin. This
decoupling capacitor must be located as close as
possible to the controller package.
3.13
Series Dimming MOSFET Gate
Driver Output (SDRV)
Series dimming N-channel MOSFET gate driver
output. Connect to gate of external N-channel
MOSFET to implement series FET PWM dimming and
fault disconnect.
3.14
PWM Dimming Input (DIMM)
External PWM dimming input. A direct PWM dimming
command can be applied to control the LED current
duty cycle and frequency. This PWM generates a
signal that controls the VEXT and SDRV outputs.
Setting this pin to logic level low, turns off switching,
disconnects the COMP pin, and sets SDRV to “0”. Con-
nect to VCC via 100 kΩ resistor when not used for PWM
dimming.
3.15
Overvoltage Protection Input
(OVP)
Output voltage input. Connect a resistor divider from
output voltage to GND to set output overvoltage
protection. The OVP circuits turns off the MOSFET
driver (VEXT pin set to “0”) and the series dimming
MOSFET driver (SDRV pin set to “0”) when the output
voltage reaches the OVP threshold.
3.16
Enable or External
Synchronization Input (EN/Sync)
When this pin is connected to GND (logic “0”) for more
than 100 µS (typical) the controller will go to DISABLE
state. A logic “1” enables the normal operation of the
MCP1633. When the device is disabled, the VEXT
output is set. This pin can also accept an external
signal for synchronization from an external clock
source. The user must provide a correct timing signal
for synchronization to ensure consistent operation of
PWM controller.
3.17
Exposed Thermal Pad (AGND)
Analog ground and power ground are both connected
here. This pad must be connected to PCB ground
plane using multiple vias for good functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com