Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 3Page - Microchip Technology MCP1633 Datasheet HTML 4Page - Microchip Technology MCP1633 Datasheet HTML 5Page - Microchip Technology MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology MCP1633 Datasheet HTML 10Page - Microchip Technology MCP1633 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 7
MCP1633
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = 5V, FOSC = 600 kHZ, CIN = 0.1 µF, TA= +25°C.
FIGURE 2-1:
Input Quiescent Disable
Current vs. Input Voltage.
FIGURE 2-2:
Input Quiescent Enable
Current vs. Input Voltage.
FIGURE 2-3:
VREF Current vs. Input
Voltage.
FIGURE 2-4:
VEXT N-Channel RDSON
vs. Input Voltage.
FIGURE 2-5:
VEXT P-Channel RDSON
vs. Input Voltage.
FIGURE 2-6:
SRDV N-Channel RDSON
vs. Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.2
0.25
0.3
0.35
0.4
0.45
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
49.5
49.6
49.7
49.8
49.9
50
50.1
50.2
50.3
50.4
50.5
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
0
0.5
1
1.5
2
2.5
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
0
0.5
1
1.5
2
2.5
3
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
0
10
20
30
40
50
60
70
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com