Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 4Page - Microchip Technology MCP1633 Datasheet HTML 5Page - Microchip Technology MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology MCP1633 Datasheet HTML 10Page - Microchip Technology MCP1633 Datasheet HTML 11Page - Microchip Technology MCP1633 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
MCP1633
DS20006289B-page 8
 2020 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 5V, FOSC=600 kHZ, CIN=0.1 µF, TA= +25°C.
FIGURE 2-7:
SRDV P-Channel RDSON
vs. Input Voltage.
FIGURE 2-8:
Error Amplifier Input Offset
vs. Input Voltage.
FIGURE 2-9:
Current Sense Amplifier
Offset vs. Input Voltage.
FIGURE 2-10:
UVLO VINL Threshold vs.
Input Voltage.
FIGURE 2-11:
UVLO VINH Threshold vs.
Input Voltage.
FIGURE 2-12:
OVP VINL Threshold vs.
Input Voltage.
0
10
20
30
40
50
60
70
80
90
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
2.71
2.715
2.72
2.725
2.73
2.735
2.74
2.745
2.75
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
2.85
2.855
2.86
2.865
2.87
2.875
2.88
2.885
2.89
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)
2.71
2.715
2.72
2.725
2.73
2.735
2.74
2.745
2.75
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6
V
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com