Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP9459 Datasheet HTML 11Page - Monolithic Power Systems MP9459 Datasheet HTML 12Page - Monolithic Power Systems MP9459 Datasheet HTML 13Page - Monolithic Power Systems MP9459 Datasheet HTML 14Page - Monolithic Power Systems MP9459 Datasheet HTML 15Page - Monolithic Power Systems MP9459 Datasheet HTML 16Page - Monolithic Power Systems MP9459 Datasheet HTML 17Page - Monolithic Power Systems MP9459 Datasheet HTML 18Page - Monolithic Power Systems MP9459 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
16
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
10Ω
115kΩ
1.5µH
100kΩ
MP9459
15pF
1.8V/4A
32.4kΩ
40.2kΩ
22µF
22µF
22µF
1µF
0.1µF
Figure 9: VIN = 12V, VOUT = 1.8V/4A
10Ω
160kΩ
1.5µH
100kΩ
MP9459
15pF
1.5V/4A
45.3kΩ
40.2kΩ
1µF
0.1µF
22µF
22µF
22µF
Figure 10: VIN = 12V, VOUT = 1.5V/4A
10Ω
210kΩ
1µH
100kΩ
MP9459
15pF
1.2V/4A
82kΩ
40.2kΩ
22µF
22µF
22µF
1µF
0.1µF
Figure 11: VIN = 12V, VOUT = 1.2V/4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com