Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9459 Datasheet HTML 7Page - Monolithic Power Systems MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems MP9459 Datasheet HTML 10Page - Monolithic Power Systems MP9459 Datasheet HTML 11Page - Monolithic Power Systems MP9459 Datasheet HTML 12Page - Monolithic Power Systems MP9459 Datasheet HTML 13Page - Monolithic Power Systems MP9459 Datasheet HTML 14Page - Monolithic Power Systems MP9459 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
11
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
VSS overrides VREF, so the error amplifier uses
VSS as the reference. When VSS exceeds VREF,
the error amplifier uses VREF as the reference.
The SS time is set internally to 2.5ms.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP9459 has valley current limit control.
The inductor current is monitored when the LS-
FET is on. When the sensed inductor current
reaches the valley current limit, the low-side
limit comparator turns over, and the device
enters over-current protection (OCP) mode.
The HS-FET waits until the valley current limit is
removed before turning on again. Meanwhile,
the output voltage drops until VFB falls below the
under-voltage (UV) threshold (about 75% of
VREF). Once UV is triggered, the MP9459 enters
hiccup mode to periodically restart the part.
During OCP, the device attempts to recover
from the over-current fault with hiccup mode. In
hiccup mode, the chip disables the output
power stage, discharges the soft start, and then
automatically attempts to soft start again. If the
over-current condition still remains after soft
start ends, the device repeats this operation
cycle until the over-current condition is removed.
Then the output rises back to the regulation
level. OCP is a non-latch protection.
Pre-Biased Start-Up
The MP9459 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to
a
certain
voltage
during
start-up,
the
bootstrap (BST)
voltage
is refreshed and
charged, and the soft-start voltage is also
charged. If the BST voltage exceeds its rising
threshold voltage and the soft-start voltage
exceeds the sensed output voltage at FB, the
part begins working normally.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection with a rising
threshold of 2.2V and a hysteresis of 150mV.
VIN regulates the bootstrap capacitor voltage
internally through D1, M1, C3, L1, and C2 (see
Figure 3). If VIN - VSW exceeds 3.3V, U1
regulates M1 to maintain a 3.3V BST voltage
across C3.
Figure 3: Internal Bootstrap Charger
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating a stable reference
voltage and current, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuits.
Three events can shut down the chip: EN going
low, VIN going low, and thermal shutdown. The
shutdown procedure starts by blocking the
signaling path to avoid any fault triggering. The
internal supply rail is then pulled down.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 130°C), the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com