Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP9459 Datasheet HTML 10Page - Monolithic Power Systems MP9459 Datasheet HTML 11Page - Monolithic Power Systems MP9459 Datasheet HTML 12Page - Monolithic Power Systems MP9459 Datasheet HTML 13Page - Monolithic Power Systems MP9459 Datasheet HTML 14Page - Monolithic Power Systems MP9459 Datasheet HTML 15Page - Monolithic Power Systems MP9459 Datasheet HTML 16Page - Monolithic Power Systems MP9459 Datasheet HTML 17Page - Monolithic Power Systems MP9459 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
14
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient layout of the switching power supplies
is critical for stable operation.Poor layout design
can result in poor line or load regulation and
stability issues. For the best results, refer to
Figure 5 and follow the guidelines below:
1. Place the high current paths (GND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible (within 1mm).
3. Place the external feedback resistors next
to FB.
4. Keep the switching node (SW) short, and
route it away from the feedback network.
VIN
OUT
GND
GND
Top Layer
GND
VOUT
Bottom Layer
Figure 5: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com