Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9459 Datasheet HTML 1Page - Monolithic Power Systems MP9459 Datasheet HTML 2Page - Monolithic Power Systems MP9459 Datasheet HTML 3Page - Monolithic Power Systems MP9459 Datasheet HTML 4Page - Monolithic Power Systems MP9459 Datasheet HTML 5Page - Monolithic Power Systems MP9459 Datasheet HTML 6Page - Monolithic Power Systems MP9459 Datasheet HTML 7Page - Monolithic Power Systems MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP9459
17V, 4A, 600kHz, High-Efficiency,
Synchronous, Step-Down Converter
in an SOT563 Package
MP9459 Rev. 1.0
www.MonolithicPower.com
1
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The
MP9459
is
a
fully
integrated,
high-
frequency, synchronous, rectified, step-down,
switch-mode converter
with
internal
power
MOSFETs. The device is a compact solution
that achieves 4A of output current over a wide
input
range
with
excellent
load
and
line
regulation. It uses synchronous mode operation
for higher efficiency over the output current load
range.
Constant-on-time
(COT)
control
operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP9459 requires a minimal number of
readily
available,
standard
external
components. It is available in a space-saving
SOT563
(1.6mmх1.6mm) package.
FEATURES
 Wide 4.2V to 17V Operating Input Range
 60mΩ/30mΩ Low R
DS(ON) Internal Power
MOSFETs
 200µA Low Quiescent Current
 High-Efficiency Synchronous Mode
Operation
 Power-Save Mode at Light Load
 Fast Load Transient Response
 600kHz Switching Frequency
 Internal Soft Start (SS)
 Over-Current Protection (OCP) and Hiccup
Mode
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an SOT563 (1.6mmх1.6mm)
Package
APPLICATIONS
 Security Cameras
 Digital Set-Top Boxes
 Flat-Panel Televisions and Monitors
 General Purpose
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance. “MPS,” the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
MP9459
VIN
EN
VIN
FB
BST
VOUT
SW
GND
12V
C1
22
μF
C3
1
μF
L1
2.2
μH
C2
22
μF x 2
R1
40.2k
Ω
R2
13k
Ω
EN
3.3V/4A
R3
75k
Ω
R4
10
Ω


Similar Part No. - MP9459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
MP9403EN MPS-MP9403EN Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
PerkinElmer Optoelectro...
MP942 PERKINELMER-MP942 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP943 PERKINELMER-MP943 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP944 PERKINELMER-MP944 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
More results

Similar Description - MP9459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
Monolithic Power System...
MP1660 MPS-MP1660 Datasheet
1Mb / 20P
16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
Rev. 1.0 6/9/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com