Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9459 Datasheet HTML 1Page - Monolithic Power Systems MP9459 Datasheet HTML 2Page - Monolithic Power Systems MP9459 Datasheet HTML 3Page - Monolithic Power Systems MP9459 Datasheet HTML 4Page - Monolithic Power Systems MP9459 Datasheet HTML 5Page - Monolithic Power Systems MP9459 Datasheet HTML 6Page - Monolithic Power Systems MP9459 Datasheet HTML 7Page - Monolithic Power Systems MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
4
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
10
μA
Supply current (quiescent)
IQ
VEN = 2V, VFB = 0.85V
170
200
250
μA
HS switch on resistance
HSRDS(ON)
VBST-SW = 3.3V
60
mΩ
LS switch on resistance
LSRDS(ON)
30
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 12V
10
μA
Valley current limit
ILIMIT
VOUT = 0V
5
A
Zero-current detection
(ZCD)
IZCD
VOUT = 3.3V, LO =
2.2μH,
IOUT = 0A
-250
20
+250
mA
Oscillator frequency
fSW
VFB = 0.75V
420
600
780
kHz
Minimum on time (8)
tON_MIN
45
ns
Minimum off time (8)
tOFF_MIN
180
ns
Feedback voltage
VREF
TJ = 25°C
793
805
817
mV
Feedback current
IFB
10
100
nA
Feedback under-voltage
threshold (H to L)
VUV_th
Hiccup entry
75%
VREF
Hiccup duty cycle (8)
DHiccup
25
%
EN rising threshold
VEN_RISING
1.14
1.2
1.26
V
EN hysteresis
VEN_HYS
100
mV
EN input current
IEN
VEN = 2V
2
µA
VIN under-voltage lockout
rising threshold
INUVVth
3.7
4
4.18
V
VIN under-voltage lockout
hysteresis threshold
INUVHYS
330
mV
Soft-start period
tSS
1.6
2.5
3
ms
Thermal shutdown (8)
TSD
150
°C
Thermal hysteresis (8)
TSDHYS
20
°C
Notes:
7) Guaranteed by over-temperature correlation. Not tested in production.
8) Guaranteed by design and engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com