Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP9459 Datasheet HTML 6Page - Monolithic Power Systems MP9459 Datasheet HTML 7Page - Monolithic Power Systems MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems MP9459 Datasheet HTML 10Page - Monolithic Power Systems MP9459 Datasheet HTML 11Page - Monolithic Power Systems MP9459 Datasheet HTML 12Page - Monolithic Power Systems MP9459 Datasheet HTML 13Page - Monolithic Power Systems MP9459 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
10
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP9459 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
At the beginning of each cycle, the high-side
MOSFET
(HS-FET)
turns
on
when
the
feedback
voltage
(VFB)
drops
below
the
reference voltage (VREF). The HS-FET turns on
for a fixed interval determined by the one-shot
on timer. The on time is determined by both the
output voltage and input voltage to maintain a
constant switching frequency over the input
voltage range.
After the on period elapses, the HS-FET turns
off until the next period. By repeating this
operation, the converter regulates the output
voltage.
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is above 0A. The low-side MOSFET
(LS-FET) turns on when the HS-FET is off to
minimize conduction loss. If both the HS-FET
and LS-FET are turned on at the same time,
there is a dead short between the input and
GND. This is called shoot-through. To avoid
shoot-through,
a
dead
time
is
generated
internally between the HS-FET off and LS-FET
on period, or vice versa.
When the MP9459 works in pulse-frequency
modulation
(PFM)
mode
during
light-load
operation, the device reduces the switching
frequency
automatically
to
maintain
high
efficiency, and the inductor current drops to
almost 0A. When the inductor current reaches
0A, the low-side driver goes into tri-state (Hi-Z).
Then the output capacitors discharge slowly to
GND through resistors R1 and R2. When VFB
drops below VREF, the HS-FET turns on. This
operation greatly improves device efficiency
when the output current is low.
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently
as
it
does
during
heavy-load
conditions. The HS-FET turn-on frequency is a
function of the output current. As the output
current
increases,
the
current
modulator
regulates over a shorter period, and the
HS-FET turns on more frequently. The switching
frequency also increases. The output current
(IOUT) reaches the critical level when the current
modulator time is zero. IOUT can be calculated
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L f
V

 
(1)
The device reverts to pulse-width modulation
(PWM) mode once the output current exceeds
the
critical
level.
Afterward,
the
switching
frequency remains fairly constant over the
output current range.
Enable (EN) Control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator; drive EN low to turn it off. An
internal 1M
Ω resistor from EN to GND allows
EN to be floated to shut down the chip.
EN is clamped internally using a 2.8V series
Zener diode (see Figure 2). Connect the EN
input to VIN through a pull-up resistor to limit
the EN input current below 100
μA and prevent
damage to the Zener diode.
For example, when connecting 12V to VIN, then
RPULLUP ≥ (12V - 2.8V) / (100kΩ + 35kΩ) = 68µA.
EN
Logic
1M
Ω
EN
GND
35k
Ω
2.8V
Figure 2: Zener Diode between EN and GND
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP9459
’s UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4V, and its
falling threshold is 3.67V.
Internal Soft Start (SS)
Soft start (SS) prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates an SS voltage (VSS) that ramps up
from 0V to 1.2V. When VSS drops below VREF,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com