Electronic Components Datasheet Search
  English  ▼

X  

MP9459 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9459 Datasheet HTML 1Page - Monolithic Power Systems MP9459 Datasheet HTML 2Page - Monolithic Power Systems MP9459 Datasheet HTML 3Page - Monolithic Power Systems MP9459 Datasheet HTML 4Page - Monolithic Power Systems MP9459 Datasheet HTML 5Page - Monolithic Power Systems MP9459 Datasheet HTML 6Page - Monolithic Power Systems MP9459 Datasheet HTML 7Page - Monolithic Power Systems MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
3
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN................................................ -0.3V to +18V
VSW ................................ -0.6V (-6.5V for <10ns)
to VIN + 0.3V (19V for <10ns)
VBST .....................................................VSW + 5V
VEN ............................................ -0.3V to +5V (2)
All other pins.................................. -0.3V to +5V
Continuous power dissipation (TA = 25°C)
(3) (5)
..................................................................2.2W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
ESD Rating
Human-body model (HBM) ......................2000V
Charged-device model (CDM)..................1500V
Recommended Operating Conditions (4)
Supply voltage (VIN) ........................ 4.2V to 17V
Output voltage (VOUT)............. 0.8V to VIN x DMAX
or 10V max
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
SOT563
θJA
θJC
EV9459-TF-00A (5) ................ 55......21..... °C/W
JESD51-7 (6) ......................... 130...... 60 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) For details on
EN’s ABS max rating, see the Enable (EN)
Control section on page 10.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on EV9459-TF-00A, 2-layer PCB.
6) The value of
θ
JA given in this table is only valid for comparison
with other packages, and cannot be used for design
purposes. These values were calculated in accordance with
JESD51-7, and simulated on a specified JEDEC board. They
do not represent the performance obtained in an actual
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com