Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 29Page - Renesas Technology Corp UPD6708GS Datasheet HTML 30Page - Renesas Technology Corp UPD6708GS Datasheet HTML 31Page - Renesas Technology Corp UPD6708GS Datasheet HTML 32Page - Renesas Technology Corp UPD6708GS Datasheet HTML 33Page - Renesas Technology Corp UPD6708GS Datasheet HTML 34Page - Renesas Technology Corp UPD6708GS Datasheet HTML 35Page - Renesas Technology Corp UPD6708GS Datasheet HTML 36Page - Renesas Technology Corp UPD6708GS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
31
µPD6708
(2)
Read command
The command code of the read command is shown in Table 5-3.
Table 5-3. Command Code of Read Command
Command Code
Data Placed in RDB after Command Execution
Command Name
(Lower 4 Bits of
CMR)
First Byte
Second Byte
GETSTA
0110
Lock status
Address of locked unit (12 bits)
Remark
With a read command, the command execution result is placed in RDB, and therefore it is performed in the
reception disabled state.
5.2
Communication Control Command Functions
5.2.1
INIT command (command code: 0000)
(1)
Functions
<1> Unit address setting
This command sets the unit address (12 bits), The unit address will be used as the master address when a unit is
communicating as the master unit, and as the slave address when a unit is communicating as the slave.
<2> Condition setting
• The status of bit 4 of IEBus slave status is set.
Slave transmission block operation enabled, stopped (bit 4)
(Setting of use/non-use of the function that transmits data to the master unit)
• The communication mode to be used is set.
Table 5-4. Condition Setting Method
Condition Setting Code
Condition Setting Contents
Bits 3 and 2
00
Communication performed in mode 0
01
Communication performed in mode 1.
10
Communication performed in mode 2.
11
Undefined
Bit 1
0
Fixed at ‘0’
Bit 0
0
Slave transmission block stopped
1
Slave transmission block operational
The local-station address and condition setting contents set by INIT command retain their set values unless power
is turned off or reset mode is entered (see 4.3 “Reset Mode”).
<3> Slave status initialization
The slave status is initialized as shown in Table 5-5.
MSB
LSB
MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com