Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 19Page - Renesas Technology Corp UPD6708GS Datasheet HTML 20Page - Renesas Technology Corp UPD6708GS Datasheet HTML 21Page - Renesas Technology Corp UPD6708GS Datasheet HTML 22Page - Renesas Technology Corp UPD6708GS Datasheet HTML 23Page - Renesas Technology Corp UPD6708GS Datasheet HTML 24Page - Renesas Technology Corp UPD6708GS Datasheet HTML 25Page - Renesas Technology Corp UPD6708GS Datasheet HTML 26Page - Renesas Technology Corp UPD6708GS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
21
µPD6708
3.1
Data Link Layer Controller
The data link layer controller performs processing of the IEBus protocol data link layer (frame composition and resolution,
communication error detection, etc.), execution of communication control commands set by the host controller, and generate
a return code that informs the host controller of the communication status.
3.2
Physical Layer Controller
The physical controller performs generation and resolution of bit timing and also converts the signals between the bus
lines through the driver/receiver.
3.3
IEBus Driver/Receiver
The driver/receiver performs conversion between the logic signals within the
µPD6708 and the IEBus signals. The IEBus
signals and their relationship to the logic statuses are shown in Table 3-1.
Table 3-1. Relationship between IEBus Signals and Logical Statuses
3.4
Host Interface
The host Interface is a block which controls the transmission and reception of data to and from the host controller. It
accepts communication control commands, passes on return codes, and forwards transmit data.
The forwarding of transmit data takes place through the FIFO buffers, 4 bytes of write data buffer (WDB) and 20 bytes
of read data buffer (RDB). It also absorbs the differences between IEBus transmission speed and the transmission speed
on the serial interface between the
µPD6708 and the host controller.
Logical Status
IEBus Signals
0
(BUS+) – (BUS–)
≥ 120mV
1
(BUS+) – (BUS–)
≤ 20mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com