Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 66Page - Renesas Technology Corp UPD6708GS Datasheet HTML 67Page - Renesas Technology Corp UPD6708GS Datasheet HTML 68Page - Renesas Technology Corp UPD6708GS Datasheet HTML 69Page - Renesas Technology Corp UPD6708GS Datasheet HTML 70Page - Renesas Technology Corp UPD6708GS Datasheet HTML 71Page - Renesas Technology Corp UPD6708GS Datasheet HTML 72Page - Renesas Technology Corp UPD6708GS Datasheet HTML 73Page - Renesas Technology Corp UPD6708GS Datasheet HTML 74Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
70
µPD6708
APPENDIX MAJOR DIFFERENCES BETWEEN
µPD6708 AND µPD72042A, µPD72042B
Part Number
µPD6708
µPD72042A
µPD72042B
Parameter
Oscillation frequency (fX)
12 MHz
6 MHz
Supply voltage (VDD)5 V
±10 %
Operating ambient temperature (TA)
–40 to +85 ˚C
IEBus
Communication mode
Modes 0, 1, and 2
Driver/receiver
Provided
External protection resistor
Not necessary
Necessary (connect 180
Ω in series to BOS+ and BOS–)
Transmit buffer
4 Bytes
33 Bytes
Receive buffer
20 Bytes
40 Bytes
Interfacing with microcontroller Note
Serial interface (3-wire)
Serial interface (3-wire/2-wire)
MSB first
MSB first
LSB first
Package
16-pin SOP (300 mil)
16-pin SOP (375 mil)
16-pin DIP (300 mil)
Note
Setting commands/data and related pins differs between the
µPD6708 and µPD72042A, µPD72042B.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com