Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 61Page - Renesas Technology Corp UPD6708GS Datasheet HTML 62Page - Renesas Technology Corp UPD6708GS Datasheet HTML 63Page - Renesas Technology Corp UPD6708GS Datasheet HTML 64Page - Renesas Technology Corp UPD6708GS Datasheet HTML 65Page - Renesas Technology Corp UPD6708GS Datasheet HTML 66Page - Renesas Technology Corp UPD6708GS Datasheet HTML 67Page - Renesas Technology Corp UPD6708GS Datasheet HTML 68Page - Renesas Technology Corp UPD6708GS Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
63
µPD6708
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power supply
VDD, AVDD
| VDD – AVDD | < 0.5 V
–0.5 to +7.0
V
Logic input voltage
VI
The pin without BUS+ and BUS–
–0.5 to VDD + 0.3
V
Logic output voltage
VO
–0.5 to VDD + 0.3
V
Bus input voltage
VBI
BUS+ and BUS–
–0.5 to + 6.0
V
Bus output voltage
VBO
–0.5 to + 6.0
V
Operating ambient temperature
TA
–40 to + 85
°C
Storage temperature
Tstg
–65 to + 150
°C
9.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
DC Characteristics (TA = –40 to +85
°C, VDD = AVDD = 5 V ±10 %)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input voltage high
VIH
0.8VDD
VDD
V
Input voltage low
VIL
0
0.2VDD
V
Output voltage high
VOH
IOH = –400
µA
0.7VDD
V
Output voltage low
VOL
IOL = 2.5 mA
0.4
V
Input leakage current high
ILIH
VI = VDD
10
µA
Input leakage current low
ILIL
VI = 0 V
–10
µA
Output leakage current high
ILOH
VO = VDD
10
µA
Output leakage current low
ILOL
VO = 0 V
–10
µA
Supply current
IDD1
Carrier sense
3.5
10
mA
IDD2
Reset mode
1.2
3
mA
Capacitance Characteristics (TA = 25
°C, VDD = AVDD = 0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input capacitance
CI
fc = 1 MHz,
15
pF
Input/output capacitance
CIO
unmeasured pins returned to 0 V
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com