Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 22Page - Renesas Technology Corp UPD6708GS Datasheet HTML 23Page - Renesas Technology Corp UPD6708GS Datasheet HTML 24Page - Renesas Technology Corp UPD6708GS Datasheet HTML 25Page - Renesas Technology Corp UPD6708GS Datasheet HTML 26Page - Renesas Technology Corp UPD6708GS Datasheet HTML 27Page - Renesas Technology Corp UPD6708GS Datasheet HTML 28Page - Renesas Technology Corp UPD6708GS Datasheet HTML 29Page - Renesas Technology Corp UPD6708GS Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
24
µPD6708
4.2.1
Switching through pin control
With bits 5 and 4 of CMR both ‘0’, the host interface mode can be switched by setting the C/D pin and R/W pin to the
values shown in Table 4-4.
Table 4-4. Switching Host Interface Mode by Pin Control
C/D
R/W
Host Interface Mode
0
0
Data write mode
0
1
Data read mode
1
0
Command write mode
1
1
Status read mode
Figure 4-1. Example of Host Controller Connections by Pin Control
Caution If the power supply voltage moves out of the 5 V
±5 % range, the RESET pin must be driven low for 6 µs
or more in order to reset the
µPD6708.
IEBus
120
Ω
120
Ω
5 V
12 MHz
5 V
Power Supply
Voltage Detection
Circuit
PD6708
µ
VDD
AVDD
BUS+
BUS–
XI
XO
GND
TEST
SCK
SI
SO
IRQ
C/D
R/W
CS
RESET
SCK
SO
SI
INT
Port
Port
Port
Host Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com