| Electronic Components Datasheet Search |
|
UPD6708GS Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6708GS Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 74 page ![]() 14 µPD6708 (7) Parity bits Parity bits are used to check that there is no error in the transfer data. A parity bit is added to the master address bits, slave address bits, control bits, message length bits, and data bits. Even parity is used. If the number of the bits that are ‘1’ bits in data is odd, the parity bit is ‘1’, and if the number of the bits that are ‘1’ bits is even, the parity bit is ‘0’. (8) Acknowledge bits In ordinary communication (between two units), an acknowledge bit is added to the following places to confirm that data has been acknowledged correctly. • At the end of the slave address field. • At the end of the control field. • At the end of the message length field. • At the end of a data field. The definition of the acknowledge bit is as follows. • ‘0’: Indicates that transfer data has been acknowledged (ACK). • ‘1’: Indicates that transfer data has not been acknowledged (NAK). Note that the value of the acknowledge bit is ignored in broadcast communication. <1> Acknowledge bit at the end of the slave field When any of the following conditions is met, the acknowledge bit at the end of the slave field is NAK, and communication is discontinued. • If the parity of the master address bits or slave address bits is incorrect. • If a timing error (error in bit format) occurs. • If the slave unit does not exist. <2> Acknowledge bit at the end of the control field When any of the following conditions is met, the acknowledge bit at the end of the control field is NAK, and communication is discontinued. • If the parity of the control bits is incorrect. • If bit 3 of the control bits is ‘1’ (write operation) when the slave receive buffer Note is not empty. • If the control bits indicate read operation (3H or 7H) when the slave transmit buffer Note is empty. • If 3H, 6H, 7H, AH, BH, EH, or FH of control bits is requested from a unit other than the unit which set the lock when a lock has been set. • If the control bits indicate lock address read (4H) when a lock has not been set. • If a timing error occurs. • If the control bits are undefined. Note See 2.4 (1) “Reading slave status (SSR) (control bit: 0H, 6H)”. 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |