Electronic Components Datasheet Search
  English  ▼

X  

UPD6708GS Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 37Page - Renesas Technology Corp UPD6708GS Datasheet HTML 38Page - Renesas Technology Corp UPD6708GS Datasheet HTML 39Page - Renesas Technology Corp UPD6708GS Datasheet HTML 40Page - Renesas Technology Corp UPD6708GS Datasheet HTML 41Page - Renesas Technology Corp UPD6708GS Datasheet HTML 42Page - Renesas Technology Corp UPD6708GS Datasheet HTML 43Page - Renesas Technology Corp UPD6708GS Datasheet HTML 44Page - Renesas Technology Corp UPD6708GS Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
39
µPD6708
Table 6-2. Return Codes in Master Reception
Return Code Name
Code
Description
Master reception start
0100
This return code is generated when the master unit correctly receives the
message length code from the slave unit, informing the host controller of the
start of master reception.
Master receive data full
0101
Each time 20 bytes (RDB capacity) of master receive data is received, if RDB
is full, this return code makes a request to the host controller for a read of
receive data from RDB.
Master reception normal
0110
Indicates that reception of the number of data bytes specified by the message
termination
length bits has ended within one frame.
Termination during master
0111
Indicates that the communication has ended without completion of transmis-
reception
sion of the number of data bytes specified by the message length bits within
one frame.
Termination during master reception is not flagged if the unit loses once in
arbitration, and reception is attempted up to three times.
6.3
Return Codes in Slave Reception
Table 6-3 shows the return codes placed in STR when data or a command is received from the master unit.
Table 6-3. Return Codes in Slave Reception
Return Code Name
Code
Description
Slave reception start
1000
This return code is generated when the slave unit correctly receives the
message length codes from the master unit, informing the host controller of
the start of slave reception.
Slave receive data full
1001
Each time 20 bytes (RDB capacity) of slave receive data is received, if RDB is
full, this return code makes a request to the host controller for a read of receive
data from RDB.
Slave reception normal
1010
Indicates that reception of the number of data bytes specified by the message
termination
length bits has ended within one frame.
Termination during slave
1011
Indicates that the communication has ended without completion of transmis-
reception
sion of the number of data bytes specified by the message length bits within
one frame.
6.4
Return Codes in Broadcast Reception
Table 6-4 shows the return codes placed in STR when data or a command is received from the master unit in broadcast
communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com