Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD8821 Datasheet HTML 1Page - Renesas Technology Corp UPD8821 Datasheet HTML 2Page - Renesas Technology Corp UPD8821 Datasheet HTML 3Page - Renesas Technology Corp UPD8821 Datasheet HTML 4Page - Renesas Technology Corp UPD8821 Datasheet HTML 5Page - Renesas Technology Corp UPD8821 Datasheet HTML 6Page - Renesas Technology Corp UPD8821 Datasheet HTML 7Page - Renesas Technology Corp UPD8821 Datasheet HTML 8Page - Renesas Technology Corp UPD8821 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MOS INTEGRATED CIRCUIT
μPD8821
7300 PIXELS
× 3 COLOR CCD LINEAR IMAGE SENSOR
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. S17961EJ2V0DS00 (2nd edition)
Date Published July 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2006
DESCRIPTION
The
μ PD8821 is a high-speed and high sensitive color CCD (Charge Coupled Device) linear image sensor which
changes optical images to electrical signal and has the function of color separation.
The
μ PD8821 has 3 rows of 7300 pixels, and it is a 2-output/color type CCD sensor with 2 rows/color of charge
transfer register, which transfers the photo signal electrons of 7300 pixels separately in odd and even pixels.
Therefore, it is suitable for 600dpi/A3 high-speed color digital copiers, color scanners and so on by the use of the
package with heat sink that has high heat radiation.
FEATURES
• Valid photocell
: 7300 pixels
× 3
• Photocell pitch
: 10
μ m
• Line spacing
: 40
μ m (4 lines) Red line-Green line, Green line-Blue line
• Color filter
: Primary colors (red, green, and blue), pigment filter (with 10
7 lx•hour tolerant)
• Resolution
: 24 dot/mm A3 (297
× 420 mm) size (shorter side)
• Data rate
: 60 MHz MAX. (30 MHz/ch max.)
• Output type
: 2 outputs in phase/color
• Power supply
: +10 V
• Drive clock level
: CMOS output under 5 V operation
• On-chip circuits
: Reset feed-through level clamp circuit
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
μ PD8821CZ-A
CCD linear image sensor 40-pin plastic DIP with heat sink (15.24 mm (600))
Remark
The
μ PD8821CZ-A is a lead-free product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com