Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 12Page - Renesas Technology Corp UPD8821 Datasheet HTML 13Page - Renesas Technology Corp UPD8821 Datasheet HTML 14Page - Renesas Technology Corp UPD8821 Datasheet HTML 15Page - Renesas Technology Corp UPD8821 Datasheet HTML 16Page - Renesas Technology Corp UPD8821 Datasheet HTML 17Page - Renesas Technology Corp UPD8821 Datasheet HTML 18Page - Renesas Technology Corp UPD8821 Datasheet HTML 19Page - Renesas Technology Corp UPD8821 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
14
μ PD8821
Data Sheet S17961EJ2V0DS
5. Dark signal non-uniformity : DSNU
Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid
pixels at light shielding. This is calculated by the following formula, and it is defined by each six of them.
DSNU (mV) : maximum of | dj
− ADS | j = 1 to 3650
dj : Dark signal of valid pixel number j
Register Dark
DC level
ADS
DSNU
VOUT
6. Output impedance : ZO
Impedance of the output pins viewed from outside.
7. Response : R
Output voltage divided by exposure (lx•s).
Note that the response varies with a light source (spectral characteristic).
8. Image lag : IL
The rate between the last output voltage and the next one after read out the data of a line.
φTG
Light
VOUT
ON
OFF
VOUT
V1
IL (%) = V1 / VOUT × 100
9. Register imbalance : RI
The rate of the difference between the averages of the output voltage of Odd and Even pixels, against the
average output voltage of all the valid pixels.
RI (%) =
× 100
Σ
n
j=1
Vj
n
1
n
2
(V2j -1
− V2j)
Σ
j=1
2
n
n : Number of valid pixels
Vj : Output voltage of each pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com