Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 7Page - Renesas Technology Corp UPD8821 Datasheet HTML 8Page - Renesas Technology Corp UPD8821 Datasheet HTML 9Page - Renesas Technology Corp UPD8821 Datasheet HTML 10Page - Renesas Technology Corp UPD8821 Datasheet HTML 11Page - Renesas Technology Corp UPD8821 Datasheet HTML 12Page - Renesas Technology Corp UPD8821 Datasheet HTML 13Page - Renesas Technology Corp UPD8821 Datasheet HTML 14Page - Renesas Technology Corp UPD8821 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
9
Data Sheet S17961EJ2V0DS
μ PD8821
TIMING CHART 3 (Bit Clamp Mode, Line Clamp Mode)
t16
t14
φCP
φR
90%
φTG
10%
t2
t4
t3
10%
90%
t17
t5
90%
10%
φ1∗
90%
90%
t12 t13
90%
10%
t1
t15
t8
t9 t10
10%
Caution "10%" and "90%" define as the clock voltage with 5 Vp-p condition.
i.e. "10%" shows 0.5 V, "90%" shows 4.5 V
Symbol
MIN.
TYP.
MAX.
Unit
t1, t5
100
300
1000
ns
t2, t4
0
10
–
ns
t3
500
5000
20000
ns
t6, t7
0
10
–
ns
t6L, t7L
0
3
–
ns
t8, t10
0
3
–
ns
t9
6
125
20000
ns
t12, t14
0
3
–
ns
t13
8
125
20000
ns
t15
−3
+250
+1000
ns
t16
0
125
–
ns
t17
4
125
–
ns
t20
5
125
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com