Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 18Page - Renesas Technology Corp UPD8821 Datasheet HTML 19Page - Renesas Technology Corp UPD8821 Datasheet HTML 20Page - Renesas Technology Corp UPD8821 Datasheet HTML 21Page - Renesas Technology Corp UPD8821 Datasheet HTML 22Page - Renesas Technology Corp UPD8821 Datasheet HTML 23Page - Renesas Technology Corp UPD8821 Datasheet HTML 24Page - Renesas Technology Corp UPD8821 Datasheet HTML 25Page - Renesas Technology Corp UPD8821 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
20
μ PD8821
Data Sheet S17961EJ2V0DS
PACKAGE DRAWING
1 1st valid pixel
The center of the pin1
2 1st valid pixel
The center of the package
3 The surface of the CCD chip
The top of the cap
4 The bottom of the package
The surface of the CCD chip
5 The draft angle of the shaded portions (4 places) are 1 dgree.
6 There is no heat sink exposure from the package.
7 The center of the CCD chip
Package side(shaded portion)
94.4
±0.5
94.0
±0.5
1st valid pixel
34.7
±0.4
2
(Unit : mm)
21
43.18
±0.4
1.27
±0.15
3.0
±0.2
4.0
±0.5
6.22
±0.5
2.54
±0.25
0.46
±0.1
15.24
±0.20
0.25
±0.05
40
1
20
10.0
±0.2
11.1
±0.2
11.1
±0.2
16.67
±0.5
5
5
(1.71)
4.51
±0.3
3
4
B
B
14.1
±0.2
5
°
5
°
SECTION A-A
91.0
×11.6×0.7
1.5
Name
Dimensions
Refractive index
Glass cap
14.8
±0.2
1
°
1
°
SECTION B-B
5
5
CCD LINEAR IMAGE SENSOR 40-PIN PLASTIC DIP
(WITH HEAT SINK) (15.24 mm (600))
PD8821CZ-A
9.75
±0.4 1
A
A
6
0.9
±0.1
40C-1CCD-PKG1
7.4
±0.3
7
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com