Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 10Page - Renesas Technology Corp UPD8821 Datasheet HTML 11Page - Renesas Technology Corp UPD8821 Datasheet HTML 12Page - Renesas Technology Corp UPD8821 Datasheet HTML 13Page - Renesas Technology Corp UPD8821 Datasheet HTML 14Page - Renesas Technology Corp UPD8821 Datasheet HTML 15Page - Renesas Technology Corp UPD8821 Datasheet HTML 16Page - Renesas Technology Corp UPD8821 Datasheet HTML 17Page - Renesas Technology Corp UPD8821 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
12
μ PD8821
Data Sheet S17961EJ2V0DS
(
φ1AO, φ2AO), (φ1BO, φ2BO), (φ1A, φ2B), (φ1B, φ2B) cross point
φ 1∗
φ 2∗
1.5 V or more
1.5 V or more
φ1AO, φ2L & φ1BO, φ2L cross points
φ 1∗
φ 2L
1.5 V or more
0 V or more
Remark
Adjust cross points (
φ 1AO, φ 2AO) (φ 1BO, φ 2BO) (φ 1A, φ 2A) (φ 1B, φ 2B) and (φ 1∗, φ 2L) with input
resistance of each pin.
φ1, φ2, φ2L clock width
φ 1AO, φ 1BO, φ 1A, φ1B
φ 2AO, φ 2BO, φ 2A, φ2B
4.75 V
Min. 3 ns
φ 2L
4.75 V
Min. 3 ns
Min. 4.75 V
0.25 V
Min. 3 ns
φ 2L
0.25 V
Min. 3 ns
φ 1AO, φ 1BO, φ 1A, φ1B
φ 2AO, φ 2BO, φ 2A, φ2B
Min. 4.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com