Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 2Page - Renesas Technology Corp UPD8821 Datasheet HTML 3Page - Renesas Technology Corp UPD8821 Datasheet HTML 4Page - Renesas Technology Corp UPD8821 Datasheet HTML 5Page - Renesas Technology Corp UPD8821 Datasheet HTML 6Page - Renesas Technology Corp UPD8821 Datasheet HTML 7Page - Renesas Technology Corp UPD8821 Datasheet HTML 8Page - Renesas Technology Corp UPD8821 Datasheet HTML 9Page - Renesas Technology Corp UPD8821 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
4
μ PD8821
Data Sheet S17961EJ2V0DS
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
Parameter
Symbol
Ratings
Unit
Output drain voltage
VOD
–0.3 to +12.0
V
Heat sink voltage
HS-VOD
–0.3 to +12.0
V
Shift register clock voltage
Vφ 1, Vφ 2
–0.3 to +8.0
V
Last stage shift register clock voltage
Vφ 2L
–0.3 to +8.0
V
Reset gate clock voltage
Vφ R
–0.3 to +8.0
V
Reset feed-through level clamp clock voltage
Vφ CP
–0.3 to +8.0
V
Transfer gate clock voltage
Vφ TG1 to Vφ TG3
–0.3 to +8.0
V
Operating ambient temperature Note
TA
0 to +60
˚C
Storage temperature
Tstg
–40 to +100
˚C
Note The operating ambient temperature is defined as an atmosphere temperature in a point 10 mm away on the
substrate, and 10 mm away from the short side of package 1 pin.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS (TA = +25°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Output drain voltage
VOD
9.5
10.0
10.5
V
Heat sink voltage
HS-VOD
9.5
10.0
10.5
V
Shift register clock high level
Vφ 1H, Vφ 2H
4.75
5.0
6.0
V
Shift register clock low level
Vφ 1L, Vφ 2L
–0.3
0.0
+0.25
V
Last stage shift register clock high level
Vφ 2LH
4.75
5.0
6.0
V
Last stage shift register clock low level
Vφ 2LL
–0.3
0.0
+0.25
V
Reset gate clock high level
Vφ RH
4.75
5.0
5.5
V
Reset gate clock low level
Vφ RL
-0.3
0.0
+0.5
V
Reset feed-through level clamp clock high level
Vφ CPH
4.75
5.0
6.0
V
Reset feed-through level clamp clock low level
Vφ CPL
–0.3
0.0
+0.5
V
Transfer gate clock high level Note
Vφ TG1H to Vφ TG3H
4.75
Vφ 1H
Vφ 1H
V
Transfer gate clock low level
Vφ TG1L to Vφ TG3L
–0.3
0.0
+0.5
V
Shift register clock amplitude
Vφ 1p-p, Vφ 2p-p
4.75
5.0
6.3
V
Last stage shift register clock amplitude
Vφ 2Lp-p
4.75
5.0
6.3
V
Reset gate clock amplitude
Vφ Rp-p
4.75
5.0
6.3
V
Reset feed-through level clamp clock amplitude
Vφ CPp-p
4.75
5.0
6.3
V
Transfer gate clock amplitude
Vφ TGp-p
4.5
5.0
6.3
V
Data rate
2
× fφ R
0.2
2
60
MHz
Note When Transfer gate clock high level (Vφ TGH) is higher than shift register clock high level (Vφ 1H), image lag can
increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com