Electronic Components Datasheet Search
  English  ▼

X  

UPD8821 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 4Page - Renesas Technology Corp UPD8821 Datasheet HTML 5Page - Renesas Technology Corp UPD8821 Datasheet HTML 6Page - Renesas Technology Corp UPD8821 Datasheet HTML 7Page - Renesas Technology Corp UPD8821 Datasheet HTML 8Page - Renesas Technology Corp UPD8821 Datasheet HTML 9Page - Renesas Technology Corp UPD8821 Datasheet HTML 10Page - Renesas Technology Corp UPD8821 Datasheet HTML 11Page - Renesas Technology Corp UPD8821 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
6
μ PD8821
Data Sheet S17961EJ2V0DS
INPUT PIN CAPACITANCE (TA = +25°C, VOD = +10 V)
Parameter
Symbol
Pin
Pin No
MIN.
TYP.
MAX.
Unit
φ1AO
10
235
260
285
pF
φ1BO
32
235
260
285
pF
φ1A
15
235
260
285
pF
Cφ 1
φ1B
25
235
260
285
pF
φ2AO
31
235
260
285
pF
φ2BO
9
235
260
285
pF
φ2A
26
235
260
285
pF
Shift register clock pin capacitance Note
Cφ 2
φ2B
16
235
260
285
pF
7
4
5
6
pF
Last stage shift register clock pin capacitance
Cφ 2L
φ2L
34
4
5
6
pF
Reset gate clock pin capacitance
Cφ R
φR
6
11
12
13
pF
Reset feed-through level clamp clock pin
capacitance
Cφ CP
φCP
35
13
15
17
pF
φTG1
24
190
210
230
pF
φTG2
23
155
170
185
pF
Transfer gate clock pin capacitance
Cφ TG
φTG3
17
155
170
185
pF
Note Cφ 1, Cφ 2 are equivalent capacitance with driving device, including the co-capacitance between
φ1 and φ2.
Remark
Pins 10, 15, 25 and 32 (
φ1), pins 9, 16, 26 and 31 (φ2), pins 7 and 34 (φ2L), are each connected inside of
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com