Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 35Page - Renesas Technology Corp UPD17015 Datasheet HTML 36Page - Renesas Technology Corp UPD17015 Datasheet HTML 37Page - Renesas Technology Corp UPD17015 Datasheet HTML 38Page - Renesas Technology Corp UPD17015 Datasheet HTML 39Page - Renesas Technology Corp UPD17015 Datasheet HTML 40Page - Renesas Technology Corp UPD17015 Datasheet HTML 41Page - Renesas Technology Corp UPD17015 Datasheet HTML 42Page - Renesas Technology Corp UPD17015 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
37
µPD17015
Fig. 9-1
Configuration and Functions of the LCD Enable Registers
Flag symbol
b3
b2
b1
b0
LCD enable
register
B
E
E
P
0
S
E
L
L
C
D
E
N
P
0
A
B
I
O
1
P
0
A
B
I
O
0
6AH
R/W
0
1
0
1
Power-on
Clock stop
CE
Hold
00
0
0
0
0
0
0
Address
Read/write
Register
Sets pin P0A
0 to input or output mode.
Sets pin P0A
0 to input mode.
Sets pin P0A
0 to output mode.
Sets pin P0A
1 to input or output mode.
Sets pin P0A
1 to input mode.
Sets pin P0A
1 to output mode.
9.2.4
Using an I/O Port as an Input Port
Select the pin to be set to input mode, using the P0ABIO0 and P0ABIO1 flags of the LCD enable register.
The P0A0 and P0A1 pins can be set to input mode bit by bit.
The specified input pin enters the floating (Hi-Z) status and waits for the input of an external signal.
To read the input data, execute an instruction to read the contents of the port register P0A (such as SKT).
If the signal input to the pin is high, 1 is read from the corresponding port register. If the input signal is low, 0 is
read from the port register.
If a write instruction (such as MOV) is executed for the port register corresponding to an input port, the contents
of the output latch are rewritten.
9.2.5
Using an I/O Port as an Output Port
Select the pin to be set to output mode, using the P0ABIO0 and P0ABIO1 flags of the LCD enable register.
The P0A0 and P0A1 pins can be set in the output mode bit by bit.
The specified output pin outputs the contents of the output latch.
To set the output data, execute a write instruction (such as MOV) for the port register P0A.
To output a high signal to a pin, write 1. To output a low signal, write 0.
To set a port to the floating state, set the port to input mode.
If a read instruction (such as SKT) is executed for the port register corresponding to an output port, the contents
of the output latch are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com