Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 91Page - Renesas Technology Corp UPD17015 Datasheet HTML 92Page - Renesas Technology Corp UPD17015 Datasheet HTML 93Page - Renesas Technology Corp UPD17015 Datasheet HTML 94Page - Renesas Technology Corp UPD17015 Datasheet HTML 95Page - Renesas Technology Corp UPD17015 Datasheet HTML 96Page - Renesas Technology Corp UPD17015 Datasheet HTML 97Page - Renesas Technology Corp UPD17015 Datasheet HTML 98Page - Renesas Technology Corp UPD17015 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
93
µPD17015
15.2.1
Power-On Reset at CPU Operation
Fig. 15-3 (a) shows power-on reset at normal operation.
As shown in Fig. 15-3 (a), when the VDD drops below 1.8 V (TA = –10 to +50
°C), the power-on clear signal is output
and operation of the device stops regardless of the input level of the CE pin.
When VDD then rises to 1.8 V or greater, after a 125 ms halt, the program starts from address 0000H.
CPU operation refers to the state in which the clock-stop instruction is not used. The power-on clear voltage in
the halt state set by the halt instruction is also 1.8 V like CPU operation.
15.2.2
Power-On Reset in Clock-Stop State
Fig. 15-3 (b) shows power-on reset in the clock-stop state.
As shown in Fig. 15-3 (b), when VDD drops below 1.8 V (TA = –10 to +50
°C), the power-on clear signal is output
and device operation stops.
However, since the device is in the clock-stop state, its operation apparently does not change.
When VDD rises to 1.8 V or greater, after a 125 ms halt, the program starts from address 0000H.
15.2.3
Power-On Reset When VDD Rises From 0 V
Fig. 15-3 (c) shows power-on reset when VDD rises from 0 V.
As shown in Fig. 15-3 (c), the power-on clear signal is being output while VDD is rising from 0 V to 1.8 V
(TA = –10 to +50
°C).
When VDD rises above the power-on clear voltage, the crystal oscillation circuit starts and after a 125 ms halt, the
program starts from address 0000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com