Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 75Page - Renesas Technology Corp UPD17015 Datasheet HTML 76Page - Renesas Technology Corp UPD17015 Datasheet HTML 77Page - Renesas Technology Corp UPD17015 Datasheet HTML 78Page - Renesas Technology Corp UPD17015 Datasheet HTML 79Page - Renesas Technology Corp UPD17015 Datasheet HTML 80Page - Renesas Technology Corp UPD17015 Datasheet HTML 81Page - Renesas Technology Corp UPD17015 Datasheet HTML 82Page - Renesas Technology Corp UPD17015 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
77
µPD17015
14. STANDBY
The standby function is used to reduce the supply current during back-up.
14.1
STANDBY FUNCTIONS
Fig. 14-1 outlines the standby block.
The standby block reduces the device current drain by stopping some, or all, operations of the device. The standby
block has the following three functions. These functions can be used to suit the application.
1
Halt function
2
Clock-stop function
3
Device operation control by CE pin
The halt function reduces the device current drain by stopping CPU operation with a “HALT h” instruction.
The clock-stop function reduces the device current drain by stopping the oscillation circuit with a “STOP s”
instruction.
Since the CE pin is used to control operation of the image display controller (IDC) and PLL frequency synthesizer
and to reset the device, its operation control function is said to be a standby function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com