Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 77Page - Renesas Technology Corp UPD17015 Datasheet HTML 78Page - Renesas Technology Corp UPD17015 Datasheet HTML 79Page - Renesas Technology Corp UPD17015 Datasheet HTML 80Page - Renesas Technology Corp UPD17015 Datasheet HTML 81Page - Renesas Technology Corp UPD17015 Datasheet HTML 82Page - Renesas Technology Corp UPD17015 Datasheet HTML 83Page - Renesas Technology Corp UPD17015 Datasheet HTML 84Page - Renesas Technology Corp UPD17015 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 122 page
background image
79
µPD17015
14.2
HALT FUNCTION
14.2.1
General
The halt function stops the CPU clock by executing a “HALT h” instruction.
When a “HALT h” instruction is executed, the program halts and remains stopped until the halt state is released.
In the halt state, the device current drain is reduced by the amount of the CPU operating current.
The halt state is released by key input or basic timer 0.
The release conditions are specified with the “h” operand of the HALT h instruction.
The “HALT h” instruction is valid regardless of the CE pin input level.
14.2.2
Halt State
In the halt state, all operations of the CPU are stopped. That is, the “HALT h” instruction stops program execution.
However, the peripheral hardware remains in the state set before the “HALT h” is executed.
For an operation description of each hardware device, see Section 14.4.
14.2.3
Halt Release Conditions
Fig. 14-2 shows the halt release conditions.
The halt release conditions are set with the 4-bit data specified by the “h” operand of the “HALT h” instruction.
The halt state is released when the condition set to 1 at the “h” operand is satisfied.
When the halt state is released, the program is executed from the instruction after the “HALT h” instruction.
When multiple release conditions are set, the halt state is released if even one of the set conditions is satisfied.
When reset (power-on reset or CE reset) is applied to the device, the halt state is released and the reset operations
are performed.
When 0000B is set at halt release condition “h”, no halt condition is set. If reset (power-on reset or CE reset) is
applied to the device at this time, the halt state is released.
Fig. 14-2 Halt Release Conditions
Operand
b3
b2
b1
b0
Sets the halt state release conditions.
Release when a high-level signal is input to port 0B (halt release by the key input).
Release when the BTM0CY flag is set (1) (halt release by the basic timer 0).
Undefined (Fix it to 0.)
HALT h (4 bits)
0 : Do not release halt state even if condition satisfied.
1 : Release halt state when condition satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com