Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 17Page - Renesas Technology Corp UPD17015 Datasheet HTML 18Page - Renesas Technology Corp UPD17015 Datasheet HTML 19Page - Renesas Technology Corp UPD17015 Datasheet HTML 20Page - Renesas Technology Corp UPD17015 Datasheet HTML 21Page - Renesas Technology Corp UPD17015 Datasheet HTML 22Page - Renesas Technology Corp UPD17015 Datasheet HTML 23Page - Renesas Technology Corp UPD17015 Datasheet HTML 24Page - Renesas Technology Corp UPD17015 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
19
µPD17015
4.2.2
Data Buffer (DBF)
A data buffer, allocated at addresses 0CH-0FH, transfers data to and from peripheral hardware.
With the
µPD17015, the data buffer transfers data to and from the PLL data register (peripheral address 41H) when
the data (16 bits) of the PLL frequency division ratio is set or read.
See Chapter 8 for details.
4.2.3
General-Purpose Register (GR)
With the
µPD17015, the general-purpose register cannot be moved because it is fixed to low address 0 of data
memory (i.e., addresses 00H to 0FH).
The general-purpose register can be used to perform an operation on data, or transfer data to and from the data
memory, by means of a single instruction.
The general-purpose register, like other data memory, can be controlled by issuing data memory manipulation
instructions.
For details, see Chapter 6.
4.2.4
LCD Segment Data Register (LCD Segment Register)
The LCD segment register, allocated at addresses 61H to 69H, sets the display data for the LCD controller/driver.
For details, see Chapter 13.
4.2.5
Port Data Register (Port Register)
The port register, allocated at addresses 70H to 73H, sets the output data for each general-purpose port and reads
the input port data.
For details, see Chapter 9.
4.2.6
Peripheral Control Register
The peripheral control register, allocated at addresses 6AH to 6FH, sets the condition of the peripheral hardware
(such as PLL or timer).
4.2.7
General-Purpose Data Memory
The general-purpose data memory consists of data memory other than the system register, LCD segment register,
port register, and peripheral control register.
For the
µPD17015, 97 nibbles (97 × 4 bits: addresses 00H to 60H) can be used as general-purpose data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com