Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 78Page - Renesas Technology Corp UPD17015 Datasheet HTML 79Page - Renesas Technology Corp UPD17015 Datasheet HTML 80Page - Renesas Technology Corp UPD17015 Datasheet HTML 81Page - Renesas Technology Corp UPD17015 Datasheet HTML 82Page - Renesas Technology Corp UPD17015 Datasheet HTML 83Page - Renesas Technology Corp UPD17015 Datasheet HTML 84Page - Renesas Technology Corp UPD17015 Datasheet HTML 85Page - Renesas Technology Corp UPD17015 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
80
µPD17015
14.2.4
Halt Release by Key Input
Halt release by key input is set by “HALT 0001B” instruction.
When the halt release by key input is set, the halt state is released when high level is input at any one of the 0B
port lines (P0B2 to P0B0 pins)
Each 0B port pin has a built-in pull-down resistor.
(1) When general-purpose output port is made key source
P0B2
P0B1
P0B0
General-purpose output port
Latch
Switch A
Execute a “HALT 0001B” instruction after the key source signal general-purpose output port is made high level.
Note that if an alternate switch like switch A in the figure above is used, while switch A is closed, high level is
applied to the P0B0 pin and the halt state is immediately released.
(2) When halt released by other microcomputer, etc.
P0B2
P0B1
P0B0
General-purpose output port
Latch
Output port
Microcomputer, etc.
Halt can be released by another microcomputer, etc. as shown in the figure above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com