Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # UPD17015
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17015 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button UPD17015 Datasheet HTML 92Page - Renesas Technology Corp UPD17015 Datasheet HTML 93Page - Renesas Technology Corp UPD17015 Datasheet HTML 94Page - Renesas Technology Corp UPD17015 Datasheet HTML 95Page - Renesas Technology Corp UPD17015 Datasheet HTML 96Page - Renesas Technology Corp UPD17015 Datasheet HTML 97Page - Renesas Technology Corp UPD17015 Datasheet HTML 98Page - Renesas Technology Corp UPD17015 Datasheet HTML 99Page - Renesas Technology Corp UPD17015 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
94
µPD17015
Fig. 15-3 Power-On Reset and VDD (TA = –10 to +50
°C)
(a) During CPU operation (also in the halt state)
3.0 V
0 V
H
L
H
L
H
L
Normal operation
Device operation
stopped
XOUT
VDD
CE
Power-on
clear signal
Power-on clear release
Oscillation start
Power-on reset
Program starts from address 0
Halt state
125 ms
Power-on clear voltage
1.8 V
(b) At clock-stop
3.0 V
0 V
H
L
H
L
H
L
Clock-stop
Device operation
stopped
XOUT
VDD
CE
Power-on
clear signal
Power-on clear release
Oscillation start
Power-on reset
Program starts from address 0
Halt state
125 ms
1.8 V
Power-on clear voltage
STOP s instruction
Normal operation
(c) When VDD rises from 0 V
3.0 V
0 V
H
L
H
L
H
L
Device operation stopped
XOUT
VDD
CE
Power-on
clear signal
Power-on clear release
Oscillation start
Power-on reset
Program starts from address 0
Halt state
125 ms
1.8 V
Power-on clear voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com