Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 62 Page - Altera Corporation

Part # EP1C3
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 62 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 58Page - Altera Corporation EP1C3 Datasheet HTML 59Page - Altera Corporation EP1C3 Datasheet HTML 60Page - Altera Corporation EP1C3 Datasheet HTML 61Page - Altera Corporation EP1C3 Datasheet HTML 62Page - Altera Corporation EP1C3 Datasheet HTML 63Page - Altera Corporation EP1C3 Datasheet HTML 64Page - Altera Corporation EP1C3 Datasheet HTML 65Page - Altera Corporation EP1C3 Datasheet HTML 66Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
2–56
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Document
Revision History
Table 2–15 shows the revision history for this document.
Table 2–15. Document Revision History
Date &
Document
Version
Changes Made
Summary of Changes
January 2007
v1.5
● Added document revision history.
● Updated Figures 2–17, 2–18, 2–19, 2–20, 2–21, and 2–32.
August 2005
v1.4
Minor updates.
February 2005
v1.3
● Updated JTAG chain limits. Added test vector information.
● Corrected Figure 2-12.
● Added a note to Tables 2-17 through 2-21 regarding violating
the setup or hold time.
October 2003
v1.2
● Updated phase shift information.
● Added 64-bit PCI support information.
September
2003 v1.1
Updated LVDS data rates to 640 Mbps from 311 Mbps.
May 2003 v1.0
Added document to Cyclone Device Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com