Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 45 Page - Altera Corporation

Part # EP1C3
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 45 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 41Page - Altera Corporation EP1C3 Datasheet HTML 42Page - Altera Corporation EP1C3 Datasheet HTML 43Page - Altera Corporation EP1C3 Datasheet HTML 44Page - Altera Corporation EP1C3 Datasheet HTML 45Page - Altera Corporation EP1C3 Datasheet HTML 46Page - Altera Corporation EP1C3 Datasheet HTML 47Page - Altera Corporation EP1C3 Datasheet HTML 48Page - Altera Corporation EP1C3 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
Altera Corporation
2–39
January 2007
Preliminary
I/O Structure
I/O Structure
IOEs support many features, including:
■
Differential and single-ended I/O standards
■
3.3-V, 64- and 32-bit, 66- and 33-MHz PCI compliance
■
Joint Test Action Group (JTAG) boundary-scan test (BST) support
■
Output drive strength control
■
Weak pull-up resistors during configuration
■
Slew-rate control
■
Tri-state buffers
■
Bus-hold circuitry
■
Programmable pull-up resistors in user mode
■
Programmable input and output delays
■
Open-drain outputs
■
DQ and DQS I/O pins
Cyclone device IOEs contain a bidirectional I/O buffer and three registers
for complete embedded bidirectional single data rate transfer.
Figure 2–27 shows the Cyclone IOE structure. The IOE contains one input
register, one output register, and one output enable register. You can use
the input registers for fast setup times and output registers for fast clock-
to-output times. Additionally, you can use the output enable (OE) register
for fast clock-to-output enable timing. The Quartus II software
automatically duplicates a single OE register that controls multiple
output or bidirectional pins. IOEs can be used as input, output, or
bidirectional pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com