Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 28 Page - Altera Corporation

Part # EP1C3
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 24Page - Altera Corporation EP1C3 Datasheet HTML 25Page - Altera Corporation EP1C3 Datasheet HTML 26Page - Altera Corporation EP1C3 Datasheet HTML 27Page - Altera Corporation EP1C3 Datasheet HTML 28Page - Altera Corporation EP1C3 Datasheet HTML 29Page - Altera Corporation EP1C3 Datasheet HTML 30Page - Altera Corporation EP1C3 Datasheet HTML 31Page - Altera Corporation EP1C3 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
2–22
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
is not available in the true dual-port mode. Mixed-width configurations
are also possible, allowing different read and write widths. Tables 2–3
and 2–4 summarize the possible M4K RAM block configurations.
When the M4K RAM block is configured as a shift register block, you can
create a shift register up to 4,608 bits (w × m × n).
Table 2–3. M4K RAM Block Configurations (Simple Dual-Port)
Read Port
Write Port
4K × 12K × 21K × 4
512 × 8
256 × 16
128 × 32
512 × 9 256 × 18 128 × 36
4K
× 1
vvv
v
v
v
2K
× 2
vvv
v
v
v
1K
× 4
vvv
v
v
v
512
× 8
vvv
v
v
v
256
× 16
vvv
v
v
v
128
× 32
vvv
v
v
v
512
× 9
vv
v
256
× 18
vv
v
128
× 36
vv
v
Table 2–4. M4K RAM Block Configurations (True Dual-Port)
Port A
Port B
4K × 12K × 21K × 4
512 × 8
256 × 16
512 × 9
256 × 18
4K
× 1
vvvvv
2K
× 2
vvvvv
1K
× 4
vvvvv
512
× 8
vvvvv
256
× 16
vvvvv
512
× 9
vv
256
× 18
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com