Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 41 Page - Altera Corporation

Part # EP1C3
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 37Page - Altera Corporation EP1C3 Datasheet HTML 38Page - Altera Corporation EP1C3 Datasheet HTML 39Page - Altera Corporation EP1C3 Datasheet HTML 40Page - Altera Corporation EP1C3 Datasheet HTML 41Page - Altera Corporation EP1C3 Datasheet HTML 42Page - Altera Corporation EP1C3 Datasheet HTML 43Page - Altera Corporation EP1C3 Datasheet HTML 44Page - Altera Corporation EP1C3 Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
Altera Corporation
2–35
January 2007
Preliminary
Global Clock Network & Phase-Locked Loops
Clock Multiplication & Division
Cyclone PLLs provide clock synthesis for PLL output ports using
m/(n × post scale counter) scaling factors. The input clock is divided by
a pre-scale divider, n, and is then multiplied by the m feedback factor. The
control loop drives the VCO to match fIN × (m/n). Each output port has
a unique post-scale counter to divide down the high-frequency VCO. For
multiple PLL outputs with different frequencies, the VCO is set to the
least-common multiple of the output frequencies that meets its frequency
specifications. Then, the post-scale dividers scale down the output
frequency for each output port. For example, if the output frequencies
required from one PLL are 33 and 66 MHz, the VCO is set to 330 MHz (the
least-common multiple in the VCO's range).
Each PLL has one pre-scale divider, n, that can range in value from 1 to
32. Each PLL also has one multiply divider, m, that can range in value
from 2 to 32. Global clock outputs have two post scale G dividers for
global clock outputs, and external clock outputs have an E divider for
external clock output, both ranging from 1 to 32. The Quartus II software
automatically chooses the appropriate scaling factors according to the
input frequency, multiplication, and division values entered.
Dual-Purpose
Clock Pins
DPCLK0 (3)
v
DPCLK1 (3)
v
DPCLK2
v
DPCLK3
v
DPCLK4
v
DPCLK5 (3)
v
DPCLK6
v
DPCLK7
v
Notes to Table 2–7:
(1)
EP1C3 devices only have one PLL (PLL 1).
(2)
EP1C3 devices in the 100-pin TQFP package do not have dedicated clock pins
CLK1 and CLK3.
(3)
EP1C3 devices in the 100-pin TQFP package do not have the
DPCLK0, DPCLK1, or DPCLK5 pins.
Table 2–7. Global Clock Network Sources (Part 2 of 2)
Source
GCLK0
GCLK1
GCLK2
GCLK3
GCLK4
GCLK5
GCLK6
GCLK7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com