Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 67 Page - Altera Corporation

Part # EP1C3
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 67 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 63Page - Altera Corporation EP1C3 Datasheet HTML 64Page - Altera Corporation EP1C3 Datasheet HTML 65Page - Altera Corporation EP1C3 Datasheet HTML 66Page - Altera Corporation EP1C3 Datasheet HTML 67Page - Altera Corporation EP1C3 Datasheet HTML 68Page - Altera Corporation EP1C3 Datasheet HTML 69Page - Altera Corporation EP1C3 Datasheet HTML 70Page - Altera Corporation EP1C3 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Altera Corporation
3–5
January 2007
Preliminary
SignalTap II Embedded Logic Analyzer
1
Cyclone devices must be within the first 8 devices in a JTAG
chain. All of these devices have the same JTAG controller. If any
of the Cyclone devices are in the 9th or after they will fail
configuration. This does not affect the SignalTap® II logic
analyzer.
f
For more information on JTAG, see the following documents:
■
AN 39: IEEE Std. 1149.1 (JTAG) Boundary-Scan Testing in Altera Devices
■
Jam Programming & Test Language Specification
SignalTap II
Embedded Logic
Analyzer
Cyclone devices feature the SignalTap II embedded logic analyzer, which
monitors design operation over a period of time through the IEEE
Std. 1149.1 (JTAG) circuitry. A designer can analyze internal logic at speed
without bringing internal signals to the I/O pins. This feature is
particularly important for advanced packages, such as FineLine BGA
packages, because it can be difficult to add a connection to a pin during
the debugging process after a board is designed and manufactured.
Configuration
The logic, circuitry, and interconnects in the Cyclone architecture are
configured with CMOS SRAM elements. Altera FPGAs are
reconfigurable and every device is tested with a high coverage
production test program so the designer does not have to perform fault
testing and can instead focus on simulation and design verification.
Cyclone devices are configured at system power-up with data stored in
an Altera configuration device or provided by a system controller. The
Cyclone device's optimized interface allows the device to act as controller
in an active serial configuration scheme with the new low-cost serial
configuration device. Cyclone devices can be configured in under 120 ms
using serial data at 20 MHz. The serial configuration device can be
programmed via the ByteBlaster II download cable, the Altera
Programming Unit (APU), or third-party programmers.
In addition to the new low-cost serial configuration device, Altera offers
in-system programmability (ISP)-capable configuration devices that can
configure Cyclone devices via a serial data stream. The interface also
enables microprocessors to treat Cyclone devices as memory and
configure them by writing to a virtual memory location, making
reconfiguration easy. After a Cyclone device has been configured, it can
be reconfigured in-circuit by resetting the device and loading new data.
Real-time changes can be made during system operation, enabling
innovative reconfigurable computing applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com