Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 35Page - Texas Instruments TAS5508 Datasheet HTML 36Page - Texas Instruments TAS5508 Datasheet HTML 37Page - Texas Instruments TAS5508 Datasheet HTML 38Page - Texas Instruments TAS5508 Datasheet HTML 39Page - Texas Instruments TAS5508 Datasheet HTML 40Page - Texas Instruments TAS5508 Datasheet HTML 41Page - Texas Instruments TAS5508 Datasheet HTML 42Page - Texas Instruments TAS5508 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
TAS5028 Controls and Status
31
SLES112 — June 2004
TAS5028
2.3.5 Volume and Mute Update Rate
The TAS5028 has fixed soft volume and mute ramp durations. The ramps are linear. The soft volume and mute
ramp rates are adjustable by programming the I2C register 0xD0 for the appropriate number of steps to be
512, 1024, or 2048. The update is performed at a fixed rate regardless of the sample rate.
•
In normal speed, the update rate is 1 step every 4 / Fs seconds.
•
In double speed, the update is 1 step every 8 / Fs seconds.
•
In quad speed, the update is 1 step every 16 / Fs seconds.
Because of processor loading, the update rate can increase for some increments by +1/Fs to +3/Fs. However,
the variance of the total time to go from +18 dB to mute is less than 25%.
Table 2 - 8. Volume Ramp Rates in ms
NUMBER OF STEPS
SAMPLE RATE (KHZ)
NUMBER OF STEPS
44.1, 88.2, 176.4
32, 48, 96, 192
512
46.44 ms
42.67 ms
1024
92.88 ms
85.33 ms
2048
185.76 ms
170.67 ms
2.3.6 Modulation Index Limit
PWM modulation is a linear function of the audio signal. When the audio signal is 0, the PWM modulation is
50%. When the audio signal increases towards full scale, the PWM modulation increases towards 100%. For
negative signals, the PWM modulations fall below 50% towards 0%.
However, there is a limit to the maximum modulation possible. During the off-time period, the power stage
connected to the TAS5028 output needs to get ready for he next on-time period. The maximum possible
modulation is then set by the power stage requirements. All Texas Instruments power stages needs maximum
modulation to be 97.7%. This is also the default setting of the TAS5028. Default settings can be changed in
the Modulation Index Register (0x16).
Note that no change should be made to this register when using Texas Instruments power stages.
2.3.7 Inter-channel Delay
An 8-bit value can be programmed to each of the eight PWM inter-channel delay registers to add a delay per
channel from 0 to 255 clock cycles. The delays correspond to cycles of the high-speed internal clock, DCLK.
The default values are shown in Table 2 - 9.
Table 2 - 9. Inter-Channel Delay Default Values
I2C SUB-ADDRESS
CHANNEL
INTER-CHANNEL DELAY DEFAULT (DCLK PERIODS)
0x1B
1
-24
0x1C
2
0
0x1D
3
-16
0x1E
4
+16
0x1F
5
-24
0x20
6
+8
0x21
7
-8
0x22
8
+24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com