Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 17Page - Texas Instruments TAS5508 Datasheet HTML 18Page - Texas Instruments TAS5508 Datasheet HTML 19Page - Texas Instruments TAS5508 Datasheet HTML 20Page - Texas Instruments TAS5508 Datasheet HTML 21Page - Texas Instruments TAS5508 Datasheet HTML 22Page - Texas Instruments TAS5508 Datasheet HTML 23Page - Texas Instruments TAS5508 Datasheet HTML 24Page - Texas Instruments TAS5508 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Introduction
13
SLES112 — June 2004
TAS5028
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 1
(I2C 0x41)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 2
(I2C 0x42)
IP Mixer 3
(I2C 0x43)
IP Mixer 4
(I2C 0x44)
IP Mixer 5
(I2C 0x45)
IP Mixer 6
(I2C 0x46)
IP Mixer 7
(I2C 0x47)
IP Mixer 8
(I2C 0x48)
SDIN1- L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1- R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2- L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2- R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3- L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3- R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4- L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4- R (LFE)
Bass &
Treble 1
(0xDA -
0xDD)
L to
PWM1
OP Mixer 1
(I2C 0xAA)
8X2 Output
Mixer
Bass &
Treble 1
(0xDA -
0xDD)
R to
PWM2
OP Mixer 2
(I2C 0xAB)
8X2 Output
Mixer
LS to
PWM3
OP Mixer 3
(I2C 0xAC)
8X2 Output
Mixer
RS to
PWM4
OP Mixer 4
(I2C 0xAD)
8X2 Output
Mixer
LBS to
PWM5
OP Mixer 5
(I2C 0xAE)
8X2 Output
Mixer
RBS to
PWM6
OP Mixer 6
(I2C 0xAF)
8X2 Output
Mixer
C to
PWM7
OP Mixer 7
(I2C 0xB0)
8X3 Output
Mixer
Bass &
Treble 4
(0xDA -
0xDD)
Sub to
PWM8
OP Mixer 8
(I2C 0xB1)
8X3 Output
Mixer
DAP1
Volume
(0xD1)
Master Vol
(0xD9)
DAP2
Volume
(0xD2)
Master Vol
(0xD9)
DAP8
Volume
(0xD8)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Default input is BOLD
Figure 1 - 5. TAS5028 Architecture With I2C Registers (Fs = 176.4 kHz or Fs = 192 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com