Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 9Page - Texas Instruments TAS5508 Datasheet HTML 10Page - Texas Instruments TAS5508 Datasheet HTML 11Page - Texas Instruments TAS5508 Datasheet HTML 12Page - Texas Instruments TAS5508 Datasheet HTML 13Page - Texas Instruments TAS5508 Datasheet HTML 14Page - Texas Instruments TAS5508 Datasheet HTML 15Page - Texas Instruments TAS5508 Datasheet HTML 16Page - Texas Instruments TAS5508 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
Introduction
5
SLES112 — June 2004
TAS5028
1.3
Physical Characteristics
1.3.1 Terminal Assignments
17
VR_PWM
PWM_P_4
PWM_M_4
PWM_P_3
PWM_M_3
PWM_P_2
PWM_M_2
PWM_P_1
PWM_M_1
VALID
DVSS
BKND_ERR
DVDD
DVSS
DVSS
VR_DIG
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VRA_PLL
PLL_FLT_RET
PLL_FLTM
PLL_FLTP
AVSS
AVSS
VRD_PLL
AVSS_PLL
AVDD_PLL
VBGAP
RESET
HP_SEL
PDN
MUTE
DVDD
DVSS
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
TQFP PACKAGE
(TOP VIEW)
1.3.2 Ordering Information
TA
PLASTIC 64-PIN PQFP (PN)
0
°C to 70°C
TAS5028PAG
1.3.3 Terminal Descriptions
TERMINAL
I/O
5-V
TERMIN-
DESCRIPTION
NO.
NAME
I/O
5-V
TOLERANT
TERMIN-
ATION
DESCRIPTION
1
VRA_PLL
Voltage reference for PLL analog supply 1.8 V. A pin-out of the internally regulated
1.8-V power used by PLL logic. A 0.1-
µF low ESR capacitor should be connected
between this terminal and AVSS_PLL. This terminal must not be used to power
external devices.
2
PLL_FLT_RET
AO
PLL external filter return
3
PLL_FLTM
AO
PLL negative input. Connected to PLL_FLT_RTN via an RC network
4
PLL_FLTP
AI
PLL positive input. Connected to PLL_FLT_RTN via an RC network
5
AVSS
P
Analog ground
6
AVSS
P
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com