Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 5Page - Texas Instruments TAS5508 Datasheet HTML 6Page - Texas Instruments TAS5508 Datasheet HTML 7Page - Texas Instruments TAS5508 Datasheet HTML 8Page - Texas Instruments TAS5508 Datasheet HTML 9Page - Texas Instruments TAS5508 Datasheet HTML 10Page - Texas Instruments TAS5508 Datasheet HTML 11Page - Texas Instruments TAS5508 Datasheet HTML 12Page - Texas Instruments TAS5508 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Introduction
1
SLES112 — June 2004
TAS5028
1
Introduction
The TAS5028 is an eight channel digital pulse width modulator (PWM) that provides both advanced
performance and a high level of system integration. The TAS5028 is designed to interface seamlessly with
most audio digital signal processors. The TAS5028 automatically adjusts control configurations in response
to clock and data rate changes and idle conditions. This enables the TAS5028 to provide an easy to use control
interface with relaxed timing requirements.
The TAS5028 can drive eight channels of H-bridge power stages. Texas Instruments H-bridge parts TAS5111,
TAS5112, or TAS5182 + FETs are designed to work seamlessly with the TAS5028. The TAS5028 supports
both single-ended or bridge tied load configurations. The TAS5028 also provides a high performance
differential output to drive an external differential input analog headphone amplifier (such as the TPA112).
The TAS5028’s uses an AD modulation operating at a 384-kHz switching rate for 48-, 96-, and 192-kHz data.
The 8x oversampling combined with the 5th order noise shaper provides a broad flat noise floor and excellent
dynamic range from 20 Hz to 20 kHz.
The TAS5028 is clock slave only device. The TAS5028 receives MCLK, SCLK and LRCLK from other system
components. The TAS5028 accepts master clock rates of 128, 192, 256, 384, 512, and 768 Fs. The TAS5028
accepts a 64-Fs bit clock.
PWM_HPP& MR
PWM_HPP & ML
MCLK
XTL_ OUT
XTL_ IN
PLL_FLTM
PLL_FLTP
OSC CAP
SCLK
LRCLK
SDIN1
SDIN2
SDIN3
SDIN4
SDA
SCL
PWM Section
Serial
Cntrl
IF
PWM AP& Am7 Center
PWM AP& AM4 R Sur
PWM AP& AM3 L Sur
PWM AP& AM8 Sub woofer
PWM AP& AM1 L
PWM AP& AM2 R
PWM AP& AM5 L Back Sur
PWM L Line Out
PWM AP& AM6 R Back Sur
PWM R Line Out
Soft
Tone
Soft
Tone
Soft
Tone
Soft
Tone
Soft
Tone
Soft
Tone
Soft
Tone
Soft
Tone
Digital Audio Processor
VALID
Control
8
4
8
0
Det
0
Det
0
Det
0
Det
0
Det
0
Det
0
Det
0
Det
8
8
9
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
Volume
Control
Power Supply
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
8
RESET
PDN
MUTE
HP_SEL
BKND_ERR
Figure 1 - 1. TAS5028 Functional Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com