Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 24Page - Texas Instruments TAS5508 Datasheet HTML 25Page - Texas Instruments TAS5508 Datasheet HTML 26Page - Texas Instruments TAS5508 Datasheet HTML 27Page - Texas Instruments TAS5508 Datasheet HTML 28Page - Texas Instruments TAS5508 Datasheet HTML 29Page - Texas Instruments TAS5508 Datasheet HTML 30Page - Texas Instruments TAS5508 Datasheet HTML 31Page - Texas Instruments TAS5508 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Introduction
20
SLES112 — June 2004
TAS5028
1.8.1 Auto Mute and Mute
The TAS5028 has individual channel automute controls that are enabled via the I2C interface. There are two
separate detectors used to trigger the automute:
•
Input Auto Mute: All channels are muted when all 8 inputs to the TAS5028 are less in magnitude than the
input threshold value for a programmable amount of time.
•
Output Auto Mute: A single channel is muted when the output of the DAP section is less in magnitude than
the input threshold value for a programmable amount of time.
The detection period and thresholds for these two detectors are the same.
This time interval is selectable via I2C to be from 1 ms. to 110 ms. The increments of time are 1, 2, 3, 4, 5, 10,
20, 30, 40, 50, 60, 70, 80, 90, 100, and 110 ms. This interval is independent of the sample rate. The default
value is mask programmable.
The input threshold value is an unsigned magnitude that is expressed as a bit position. This value is adjustable
via I2C. The range of the input threshold adjustment is from below the LSB (bit position 0) to below bit position
12 in a 24 bit input data word (bit positions 8 to 20 in the DSPE). This provides an input threshold that can be
adjusted for 12 to 24 bits of data. The default value is mask programmable.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
DVD Data Range
CD Data Range
Threshold Range
24-Bit Input
32-Bit in DSPE
Representation
Figure 1 - 15. Auto Mute Threshold
The auto mute state is exited when the TAS5028 receives one sample that is greater that the output threshold.
The output threshold can be one of two values:
•
Equal to the input threshold
•
6 dB (one bit position) greater than the input threshold
The value for the output threshold is selectable via I2C. The default value is mask programmable.
The system latency enables the data value that is above the threshold to be preserved and output.
A mute command initiated by automute, master mute, individual I2C mute, the AM interference mute
sequence, or the bank switch mute sequence overrides an unmute command or a volume command. While
a mute command is activated, the commanded channels transition to the mute state. When a channel is
unmuted, it goes to the last commanded volume setting that has been received for that channel.
1.9
Output Mixer
The TAS5028 provides an 8x2 output mixer for channels 1, 2, 3, 4, 5, and 6. For channels 7 and 8 the TAS5028
provides an 8x3 output mixer. These mixers allow each output to be any ratio of any two (three) signal
processed channels. The control parameters for the output crossbar mixer are programmable via the I2C
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com