Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 14Page - Texas Instruments TAS5508 Datasheet HTML 15Page - Texas Instruments TAS5508 Datasheet HTML 16Page - Texas Instruments TAS5508 Datasheet HTML 17Page - Texas Instruments TAS5508 Datasheet HTML 18Page - Texas Instruments TAS5508 Datasheet HTML 19Page - Texas Instruments TAS5508 Datasheet HTML 20Page - Texas Instruments TAS5508 Datasheet HTML 21Page - Texas Instruments TAS5508 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Introduction
10
SLES112 — June 2004
TAS5028
The DAP accepts 24-bit data signal from the serial data interface and outputs 32-bit data to the PWM section.
The DAP supports two configurations, one for 32-kHz – 96-kHz data and one for 176.4-kHz to 192-kHz data.
1.4.5.1
TAS5028 Audio Processing Configurations
The 32 - 96 kHz configuration supports eight channels of data processing that can be configured as eight
channels or six channels with two channels for separate stereo line outputs.
The 176.4 - 192 kHz configuration supports three channels of signal processing with five channels passed
though (or derived from the three processed channels).
To efficiently support the processing requirements of both multi-channel 32 – 96-kHz data and the two channel
176.4 and 192-kHz data, the TAS5028 supports separate audio processing features for 32 –96-kHz data rates
and for 176.4 and 192 kHz. See Table 2 for a summary of TAS5028 processing feature sets.
1.4.5.2
TAS5028 Audio Signal Processing Functions
The DAP provides 7 primary signal processing functions.
1.
The data processing input has a full 8x8 input crossbar mixer. This enables each input to be any ratio of
the eight input channels.
2.
Two I2C programmable threshold detectors in each channel support auto mute.
3.
Four soft bass and treble tone controls with
±18 dB range, programmable corner frequencies, and 2nd
order slopes. In 8-channel mode, bass and treble controls are normally configured as follows:
-
Bass and Treble 1: Channel 1 (Left), Channel 2 (Right), and Channel 7 (Center)
-
Bass and Treble 2: Channel 3 (Left Surround) and Channel 4 (Right Surround)
-
Bass and Treble 3: Channel 5 (Left Back Surround) and Channel 6 (Right Back Surround)
-
Bass and Treble 4: Channel 8 (Subwoofer)
4.
Individual channel and master volume controls. Each control provides an adjustment range of +18 dB to
–127 dB. This permits a total volume device control range of +36 dB to –127 dB plus mute. The master
volume control can be configured to control six or eight channels. The DAP soft volume and mute update
interval is I2C programmable. The update is performed at a fixed rate regardless of the sample rate.
5.
8x2 output mixer (channels 1 - 6). Each output can be any ratio of any two signal processed channels.
6.
8x3 output mixer (channels 7 and 8). Each output can be any ratio of any three signal processed channels.
7.
The DAP maintains three sets of coefficient banks that are used to maintain separate sets of sample rate
dependent parameters for the tone controls in RAM. These can be set to be automatically selected for
one or more data sample rates or can be manually selected under I2C program control. This feature
enables coefficients for different sample rates to be stored in the TAS5028 and then select when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com